Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STV2000 Datasheet HTML 24Page - STMicroelectronics STV2000 Datasheet HTML 25Page - STMicroelectronics STV2000 Datasheet HTML 26Page - STMicroelectronics STV2000 Datasheet HTML 27Page - STMicroelectronics STV2000 Datasheet HTML 28Page - STMicroelectronics STV2000 Datasheet HTML 29Page - STMicroelectronics STV2000 Datasheet HTML 30Page - STMicroelectronics STV2000 Datasheet HTML 31Page - STMicroelectronics STV2000 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
STV2000
28/38
OPERATING DESCRIPTION (continued)
1.7 Cutoff DAC Output
Three Cutoff DACs (8 bits) with output buffers are
incorporated to drive the external cutoff circuit.
Output voltage range is from 0.5 V to 4.5 V.
1.8 Blanking Generator
A vertical blanking pulse is generated
(see Figure 20). The output level is a positive go-
ing pulse of 8V. The vertical blanking is started by
the vertical sync pulse and the duration is deter-
mined by counting 22 horizontal periods. If there is
no vertical sync pulse the vertical blanking start
coincides with the beginning of the vertical capac-
itor discharge time.
The blanking output generates a superimposed
variable DC voltage. The 6-bit adjustment range is
1 V to 4.5 V. This is used to allow brightness con-
trol through G1. Additionally, this pin is used for
spot killer suppression. The 0.8 V of Vcc threshold
will trigger the output into a high level state result-
ing from the Vcc decay.
Figure 20. VBDC (Pin 24) Output Voltage Waveform
1.9 DAC Output
This is a 7-bit DAC with 1 output pin. An output
buffer is used to enhance load capability with an
Imax(source) of 2 mA.
Table 1:
Logic Table
Note 1 NA= Not applicable.
Note 2 I2C video=on will be reset by I2CDPMS/Low Vcc.
22 H lines
DC level controlled by
8V
6-bit DAC
4.5 V
1.0 V
Conditio ns
Hout
Vout
Video-off
Low Power
Vcc at 0 to 6.9 V (PD2 mode)
no
no
video-off
NA (1)
Vcc at 6.9 V to 8.5 V (PD1 mode)
yes
yes
video-off
NA(1)
I2C DPMS bit=1, (default=0)
no
no
video-off
yes
Hlock/unlock detection = unlock
yes
yes
video-off
no
Video ABL input pin < 1 V
no
no
video-off
no
5V POR orI2C POR=1, (default=0)
yes
yes
video-off
no
I2C Hout on/off, (default=1=on)
on/off
yes
on/off
no
I2C Vout on/off, (default=1=on)
yes
on/off
on/off
no
I2C Video on/off, (default=0=video-off)
yes
yes
on/off
no
Vcc at >8.5 V
yes
yes
video-on (2)
NA (1)
Vcc at >8.5 V, I
2C video=1=on
yes
yes
video-on (2)
no
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com