Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV2000 Datasheet HTML 2Page - STMicroelectronics STV2000 Datasheet HTML 3Page - STMicroelectronics STV2000 Datasheet HTML 4Page - STMicroelectronics STV2000 Datasheet HTML 5Page - STMicroelectronics STV2000 Datasheet HTML 6Page - STMicroelectronics STV2000 Datasheet HTML 7Page - STMicroelectronics STV2000 Datasheet HTML 8Page - STMicroelectronics STV2000 Datasheet HTML 9Page - STMicroelectronics STV2000 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
STV2000
6/38
I2C READ/WRITE
HORIZONTAL SECTION
Electrical Characteristics (VDD = 5V, Tamb =25°C)
Symbol
Parameter
Test Conditi ons
Min
Typ
Max
Unit
FSCL
Maximum Clock Frequency
100
kHz
TLOW
Low Period of the SCL Clock
1.3
us
THIGH
High Period of SCL Clock
0.6
us
VINL
SDA & SCL Input Low Level Voltage
1.5
V
VINH
SDA & SCL Input High Level Voltage
3
V
VACK
Acknowledge Output Voltage on SDA
input with 3mA
0.4
V
Operating Conditions
Symbol
Parameter
Test Conditi ons
Min
Typ
Max
Unit
VCO
Ro(min)
Minimum Oscillator Resistor
6
k
Ω
Co(min)
Minimum Oscillator Capacitor
390
pF
Fmax
Maximum Oscillator Frequency
150
kHz
OUTPUT SECTION
IHFB
Horizontal FlyBack Input Maximum
Current
5mA
IHOUT
Horizontal Drive Output Maximum Sink
Current
15
mA
Electrical Characteristics (VDD = 5V, Tamb =25°C)
Symbol
Parameter
Test Conditi ons
Min
Typ
Max
Unit
SUPPLY AND REFERENCE VOLTAGES
Vcc
Supply Voltage
9.5
10.5
11.5
V
Vdd
Supply Voltage
4.5
5
5.5
V
Icc
Supply Current
30
mA
Idd
Supply Current
5
mA
VHREF
Horizontal Reference Voltage
I=-2mA
7.4
8
8.6
V
VVREF
Vertical Reference Voltage
I=-2mA
7.4
8
8.6
V
IHREF
Horizontal Reference Maximum Source
Current
5mA
IVREF
Vertical Reference Maximum Source
Current
5mA
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com