Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STV2000 Datasheet HTML 25Page - STMicroelectronics STV2000 Datasheet HTML 26Page - STMicroelectronics STV2000 Datasheet HTML 27Page - STMicroelectronics STV2000 Datasheet HTML 28Page - STMicroelectronics STV2000 Datasheet HTML 29Page - STMicroelectronics STV2000 Datasheet HTML 30Page - STMicroelectronics STV2000 Datasheet HTML 31Page - STMicroelectronics STV2000 Datasheet HTML 32Page - STMicroelectronics STV2000 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
STV2000
29/38
OPERATING DESCRIPTION (continued)
C STAND-BY MODE AND PROTECTIONS
1. GENERAL CONSIDERATIONS
1.1 POR (Power On Reset) - Subadress 11- D8
POR is activated on 5 V with default values for
each adjustment and in addition video off (see
1.3). It can be activated via the I2C command.
1.2 Supply Voltage Threshold.
Two built-in thresholds (see figure 21) are used to
enter the following modes:
•
PDI mode:
– Activated for Vcc < 8.5V
– Video off (see 1.13)
•
PD2 mode:
– Activated for Vcc < 6.9V
– Video off (see 1.13)
–HOUT and VOUT disabled
1.3 Video Off (I2C control) - Subadress 00 - D8
Activates blanking of the 3 video output stages.
During this time the outputs are switched to
ground level, regardless of the presence of Hsync
or Hflyback. Activation time is inferior to 1
µs.
This also activates the blanking output generating
a positive going signal at pin 24 as long as “video
off” is activated.
1.4 Vertical Output Off
This command will switch off output VAMP. The
vertical output swing is reduced to 0V.
During power saver mode, the total vertical section
is disabled.
1.5 Power Saver On - Subadress 11 - D7
This I2C command activates the PD1 and PD2
mode regardless of the scanning Vcc value. Inter-
nal scanning and pre-amp voltage are off. During
“power saver” mode, the device power consump-
tion will be reduced to below 20mA for all supply
pins. Vdd, I2C interface and DAC data are not af-
fected by this command.
1.6 X-Ray, Set Operation - Subadress 09 - D8
When ABL voltage is below 1 V threshold, Xray
latch will be activated. This I2C command will reset
the Xray latch. Activation time below 100ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com