Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV2000 Datasheet HTML 13Page - STMicroelectronics STV2000 Datasheet HTML 14Page - STMicroelectronics STV2000 Datasheet HTML 15Page - STMicroelectronics STV2000 Datasheet HTML 16Page - STMicroelectronics STV2000 Datasheet HTML 17Page - STMicroelectronics STV2000 Datasheet HTML 18Page - STMicroelectronics STV2000 Datasheet HTML 19Page - STMicroelectronics STV2000 Datasheet HTML 20Page - STMicroelectronics STV2000 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
STV2000
17/38
Cutoff1, Cutoff2, Cutoff3 Output values
DAC Output DC voltage
Vertical Blanking Output DC voltage
Hex
b7
b6b5b4
b3
b2b1b0
FB pin
POR
00
00000
000
0.5
01
00000
001
02
00000
010
04
00000
100
08
00001
000
0.625
X
10
00010
000
20
00100
000
40
01000
000
80
10000
000
B4
10110
100
FF
11111
111
4.5
Hex
b6
b5
b4
b3
b2
b1
b0
Outp ut dc
POR
0000000
0.5
0000001
0000010
0000100
0001000
0010000
0100000
1000000
1000000
2.25
X
0110100
1111111
4.0
Hex
b5
b4
b3
b2
b1
b0
Output dc
POR
00000
0
1.0
00000
1
00001
0
00010
0
00100
0
01000
0
10000
0
00000
0
00000
0
11010
0
11111
1
4.5
X
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com