Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV2000 Datasheet HTML 17Page - STMicroelectronics STV2000 Datasheet HTML 18Page - STMicroelectronics STV2000 Datasheet HTML 19Page - STMicroelectronics STV2000 Datasheet HTML 20Page - STMicroelectronics STV2000 Datasheet HTML 21Page - STMicroelectronics STV2000 Datasheet HTML 22Page - STMicroelectronics STV2000 Datasheet HTML 23Page - STMicroelectronics STV2000 Datasheet HTML 24Page - STMicroelectronics STV2000 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
STV2000
21/38
OPERATING DESCRIPTION (continued)
2.3 PLL2
PLL2 ensures a constant position of the shaped
flyback signal in comparison with the sawtooth of
the VCO, taking into account the saturation time
Ts (see Figure 9).
Figure 9. PLL2 Timing Diagram
The phase comparator of PLL2 (phase type com-
parator) is followed by a charge pump (typical out-
put current: 0.5 mA).
The flyback input consists of an NPN transistor.
This input must be current driven. The maximum
recommended
input
current
is
5 mA
(see Figure 10).
Figure 10. Flyback Input Electrical Diagram
The duty cycle is fixed at 48%. For a safe start-up
operation, the initial duty cycle (after power-on re-
set) is 85% in order to avoid having too long a con-
duction period of the horizontal scanning transis-
tor.
The maximum storage time (Ts Max.) is :
0.44TH-TFLY/2).
Typically, TFLY/TH corresponds to around 20 %
which means that Ts max represents approxim
tively 34 % of TH.
2.4 Output Section
The H-drive signal is sent to the output through a
shaping stage which also controls the fixed H-
drive duty cycle (see Figure 9). In order to secure
the scanning power part operation, the output is in-
hibited in the following cases :
-when VCC is too low,
-when the ABL protection is activated,
-during the Horizontal flyback,
-when the HDrive I
2C bit control is off.
The output stage consists of a NPN bipolar tran-
sistor. Only the collector is accessible
(see Figure 11).
Figure 11.
This output stage is intended for ”reverse” base
control, where setting the output NPN in off-state
will control the power scanning transistor in off-
state.
The maximum output current is 15 mA, and the
corresponding voltage drop of the output VCEsat is
0.4 V Max.
Obviously, the power scanning transistor cannot
be directly driven by the integrated circuit. An inter-
face either bipolar or MOS type has to be added
between the circuit and the power transistor.
H Osc
Sawtooth
H Drive
1.6V
4.0V
6.4V
7/8T
H
1/8T
H
Ts
Duty Cycle
Internally
Shaped Flyback
Flyback
400
Ω
HFLY
36
Q1
GND 0V
20k
Ω
34
VCC
Hout
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com