Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV2000 Datasheet HTML 3Page - STMicroelectronics STV2000 Datasheet HTML 4Page - STMicroelectronics STV2000 Datasheet HTML 5Page - STMicroelectronics STV2000 Datasheet HTML 6Page - STMicroelectronics STV2000 Datasheet HTML 7Page - STMicroelectronics STV2000 Datasheet HTML 8Page - STMicroelectronics STV2000 Datasheet HTML 9Page - STMicroelectronics STV2000 Datasheet HTML 10Page - STMicroelectronics STV2000 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
STV2000
7/38
1st PLL SECTION
Vclamp
VCO clamp Voltage range
VHREF=8V
3.0
3.8
V
VVCO
VCO clamp Voltage, at POR
VHREF=8V
3.8
V
AVCO
VCO Gain
Ro=6490
Ω, Co=820pF,
dF/dV=1/11RoCo
17.1
kHz/V
HPHASE
Horizontal Phase Adjustment Range
% of Horizontal Period
+/-10
%
VPMIN
VPTYP
VPMAX
Horizontal Phase
Minimum
Typical
Maximum
SubAdd 07
X1111111
X1000000
X0000000
2.8
3.4
4.0
V
V
V
IPLL1-UL
IPLL1-L
PLL1 Charge Pump Current
Unlocked
Locked
+/-140
+/-1
µA
mA
fO
Free Running Frequency, no input
at POR, lower clamp voltage at max.
Ro=6490
Ω, Co=820pF
65
kHz
dfo/dT
Free Running Frequency Thermal Drift
-150
ppm/oC
2nd PLL SECTION & HORIZONT AL OUTPUT SECTION
VTHFB
Flyback Input Threshold Voltage
0.65
0.75
V
JitterH
Horizontal Jitter
At 60KHz
70
ppm
HDC
Horizontal Drive Output Duty Cycle
(Ratio of Power Transistor OFF time to
Period)
48
%
Vphi2
Internal Clamp Level on PLL2 Filter
Low Level
High Level
1.6
4.0
V
V
VSCinh
Threshold Voltage to Stop H-Out, V-Out,
Reset ABL when Vcc<VSCinh
6.9
V
VsatHD
Horizontal Drive Output Saturation
Voltage
Iout=15mA
0.4
V
Operating Conditions
Symbol
Parameter
Test Conditi ons
Min
Typ
Max
Unit
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com