Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV2000 Datasheet HTML 5Page - STMicroelectronics STV2000 Datasheet HTML 6Page - STMicroelectronics STV2000 Datasheet HTML 7Page - STMicroelectronics STV2000 Datasheet HTML 8Page - STMicroelectronics STV2000 Datasheet HTML 9Page - STMicroelectronics STV2000 Datasheet HTML 10Page - STMicroelectronics STV2000 Datasheet HTML 11Page - STMicroelectronics STV2000 Datasheet HTML 12Page - STMicroelectronics STV2000 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
STV2000
9/38
Symbol
Parameter
Test Conditi ons
Min
Typ
Max
Unit
EWtrack
Parabola Amplitude Function of VAMP
Control (tracking between VAMP & EW)
with Typ VPOS, Keystone, Typ EW
Amplitude.
Sub-address 08
10000000
11000000
11111111
V
V
V
KeyAdj
Keystone Adjustment Capability with
Typ VPOS, EW inhibited and Max
Vertical Amplitude
Sub-address 0B
10000000
11111111
0.2
0.2
Vpp
Vpp
KeyTrack
Intrinsic Keystone Function of VPOS
Control (tracking between VPOS and
EW) with Max EW Amplitude and
Max Vertical Amplitude
A/B Ratio
B/A Ratio
Sub-add 09
X0000000
X1111111
0.52
0.52
INTERNAL DYNAMIC HORIZO NTAL PHASE CONTROL
SBPpara
Side Pin Balance Parabola Amplitude
with Max VAMP, Typ VPOS and
Parallelogram inhibited
Sub-add 0E
11111111
10000000
+1.4
-1.4
%TH
%TH
SPBtrack
Side Pin Balance Parabola Amplitude
function of VAMP Control (tracking be-
tween VAMP & SPB) with Max SPB,
Typ VPOS and Parallelogram inhibited
Sub-add 08
10000000
11000000
11111111
0.5
0.9
1.4
%TH
%TH
%TH
ParAdj
Parallelogram Adjustment Capability
with Max VAMP, Typ VPOS and
Max SPB
Sub-add 0F
11111111
10000000
+1.4
-1.4
%TH
%TH
Partrack
Intrinsic Parallelogram Function of
VPOS Control (tracking between VPOS
and DHPC) with Max VAMP, Max SPB
and Parallelogram inhibited
A/B Ratio
B/A Ratio
Sub-add 09
X0000000
X1111111
0.52
0.52
VERTICAL BREATHING COMPENSATION
VBRrng
Input DC Breathing Control Range
1
10.5
V
VBRadj
Vertical Output Variation versus DC
Breathing Control
Vbrin>VVREF
Vbrin=4V
0
-10
%
%
HORIZO NTAL SIZE CONTROL
Hsize
Hsize output DC voltage
sitting on top of EWDC=2.0V
sub-add 0D
X0000000
X1111111
0
2.4
V
V
EW OUTPUT BUFFER
Iewout
EWout pin max source current
3.0
mA
EWFB
EWoutput referred DC voltage
2.0
V
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com