Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STV2000 Datasheet HTML 16Page - STMicroelectronics STV2000 Datasheet HTML 17Page - STMicroelectronics STV2000 Datasheet HTML 18Page - STMicroelectronics STV2000 Datasheet HTML 19Page - STMicroelectronics STV2000 Datasheet HTML 20Page - STMicroelectronics STV2000 Datasheet HTML 21Page - STMicroelectronics STV2000 Datasheet HTML 22Page - STMicroelectronics STV2000 Datasheet HTML 23Page - STMicroelectronics STV2000 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
STV2000
20/38
OPERATING DESCRIPTION (continued)
Figure 7. Details of VCO
The VCO uses an external RC network. It delivers
a linear sawtooth resulting from the capacitor
charge and discharge . The current is proportional
to the one in the resistor. Typical thresholds for the
sawtooth are 1.6 V and 6.4 V.
The VCO control voltage varies between 3.0 V
and 3.8 V (see Figure 7). This VCO frequency
range is very small. The small effective frequency
is due to clamp intervention on the lowest filter val-
ue. The PLL1F filter voltage is set by a 4-bit DAC
with a voltage range of 3.0 to 3.8 V.
The sync frequency must always be higher than
the free running frequency. For example, when us-
ing a 60 kHz synchro range, the suggested free
running frequency is 56 kHz.
PLL1 ensures the coincidence between the lead-
ing edge of the sync signal and a phase reference
resulting from the comparison of:
– the VCO sawtooth
– an internal DC voltage I2C adjustable within the
range of 2.9V to 4.2V (corresponding to
±10%)
(see Figure 8).
A Lock/Unlock identification block, also included,
detects in real time whether PLL1 is locked on the
incoming horizontal sync signal or not.
The lock/unlock information is available through
the I2C read.
The FC1 Pin (Pin 43) is used for decoupling the in-
ternal 6.4 V reference by a capacitor.
Figure 8. PLL1 Timing Diagram
RS
FLIP FLOP
0
0.875TH TH
C0
41
1.6V
6.4V
4I0
I0
2
(1.4V<V7<6.4V)
PLL1F
(Loop Filter)
40
I0
42
R0
1.6V
6.4V
Phase REF1 is obtained by comparison between the sawtooth and a DC voltage adjustable between 2.9 V and 4.2 V.
HO SC
Sawtooth
7/8 TH
1/8 TH
6.4V
3.4V (Reference for H Position)
Vb
(2.8V<Vb<4.2V)
1.6V
Phase REF1
HSynchro
The PLL1 ensures the exact coincidence between the signal phase REF and HSYNC.
A
±10% T
H phase adjustment is possible around the 3.5V point.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com