Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STV2000 Datasheet HTML 23Page - STMicroelectronics STV2000 Datasheet HTML 24Page - STMicroelectronics STV2000 Datasheet HTML 25Page - STMicroelectronics STV2000 Datasheet HTML 26Page - STMicroelectronics STV2000 Datasheet HTML 27Page - STMicroelectronics STV2000 Datasheet HTML 28Page - STMicroelectronics STV2000 Datasheet HTML 29Page - STMicroelectronics STV2000 Datasheet HTML 30Page - STMicroelectronics STV2000 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
STV2000
27/38
OPERATING DESCRIPTION (continued)
Figure 18. Waveforms VOUT, BRT, CONT
Figure 19. Waveforms (DRIVE adjustment)
HSYNC
V
CONT
(4)
BPCP
BLK
Video IN
V
BRT
(3)
V
BLACK
(2)
V
DC
(1)
CONT
BRT
0.4V fixed
V
OUT1,VOUT2,VOUT3
Note : 1. VDC = 1.5V
2. VBLACK =VDC + 0.4V
3. VBRT =VBLACK + BRT (with BRT = 0 to 2.5V)
4. VCONT =VBRT + CONT with CONT = k x video (CONT = 5VPP max. for VIN = 0.7VPP)
HSYNC
V
CONT
BPCP
BLK
Video IN
V
BRT
V
BLACK
VDC
V
OUT1
V
OUT2
,
V
OUT3
.
,
two examples of
drive adjustment (1)
Note :
1. Drive adjustment modifies the following voltages : VCONT,VBRT.
Drive adjustment does not modify the following voltages : VDC and VBLACK.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com