Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STV2000 Datasheet HTML 19Page - STMicroelectronics STV2000 Datasheet HTML 20Page - STMicroelectronics STV2000 Datasheet HTML 21Page - STMicroelectronics STV2000 Datasheet HTML 22Page - STMicroelectronics STV2000 Datasheet HTML 23Page - STMicroelectronics STV2000 Datasheet HTML 24Page - STMicroelectronics STV2000 Datasheet HTML 25Page - STMicroelectronics STV2000 Datasheet HTML 26Page - STMicroelectronics STV2000 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
STV2000
23/38
OPERATING DESCRIPTION (continued)
3.2 I2C Control Adjustments
S correction shapes can then be added to this
ramp. This frequency-independent S correction is
generated internally. Its amplitudes is adjustable
via the I2C. S correction can be inhibited by apply-
ing the selected bits.
Finally, the amplitude of the S corrected ramp is
adjustable via the vertical ramp amplitude control
register.The adjusted ramp is available on Pin 6
(VOUT) to drive an external power stage.
The gain of this stage can be adjusted (
± 25%) de-
pending on its register value.
The mean value of this ramp is driven by its own
I
2C register (vertical position) with :
VPOS = 7/16 x VREF-V = ± 300 mV.
Usually VOUT is sent through a resistive divider to
the inverting input of the booster. Since VPOS de-
rives from VREF-V, the bias voltage sent to the non-
inverting input of the booster should also derive
from VREF-V to optimize the accuracy
(see Figure 13).
Figure 13. AGC Loop Block Diagram
3.3 Basic Equations
As a first approximation, the amplitude of the ramp
on Pin 6 (VOUT) is calculated as follows:
VOUT - VPOS = (VOSC -VDCMID) x (1 + 0.25 (VAMP))
where :
VDCMID = 7/16 x VREF (middle value of the ramp on
Pin 5, typically 3.6V)
VOSC =V5 (ramp with fixed amplitude)
VAMP = -1 as minimum vertical amplitude register
value and +1 as maximum value.
VPOS is calculated according to:
VPOS = VDCMID + (0.4x VP )
where VP = -1 and +1 as respectively minimum
and maximum vertical position register value.
The current available on Pin 5 is:
IOSC =x VREF xCOSC xf
where
COSC = capacitor connected on Pin 5
f = synchronization frequency.
3
VSYNCIN
1
SYNCHRO
OSCILLATOR
DISCH.
OSC
CAP
5
CHARGECURRENT
TRANSCONDUCTANCE
AMPLIFIER
SAMPLING
CAPACITANCE
SCORRECTION
BREATH
7
6VOUT
VPOSITION
SUB09/7bits
VERT AMP
SUB08/7bits
VS AMP
SUB07/7bits
SAMPLING
Vlow
Sawth
Disch
.
REF
3
8
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com