Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV2000 Datasheet HTML 4Page - STMicroelectronics STV2000 Datasheet HTML 5Page - STMicroelectronics STV2000 Datasheet HTML 6Page - STMicroelectronics STV2000 Datasheet HTML 7Page - STMicroelectronics STV2000 Datasheet HTML 8Page - STMicroelectronics STV2000 Datasheet HTML 9Page - STMicroelectronics STV2000 Datasheet HTML 10Page - STMicroelectronics STV2000 Datasheet HTML 11Page - STMicroelectronics STV2000 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
STV2000
8/38
VERTICAL SECTION
Symbol
Parameter
Test Conditi ons
Min
Typ
Max
Unit
Electrical Characteristics (VDD = 5V, Tamb =25°C)
VERTICAL RAMP SECTION
VRBOT
Voltage at Ramp Bottom Point
VVREF=8V
2
V
VRTOP
Voltage at Ramp Top Point with Sync
VVREF=8V
5
V
VRTOPF
Voltage at Ramp Top Point without Sync VVREF=8V
VRTOP-
0.1
V
TVDIS
Vertical Sawtooth Discharge Time
COSC=150nF
70
µs
FFRV
Vertical Free Running Frequency
(S correction inhibited)
COSC=150nF
100
Hz
ASFR
Auto-Sync Frequency Range
COSC=150nF
50
165
Hz
RAFD
Ramp Amplitude Drift Versus Frequency
at Maximum Vertical Amplitude
COSC=150nF 50Hz -
165Hz
200
ppm/Hz
RLIN
Ramp Linearity at Vcap pin
with S Correction inhibited
2.5V < VOSC < 4.5V
0.5
%
VPOS
Vertical Position Adjustment Voltage
with VOUT mean value
Sub-Add=09
X0000000
X1000000
X1111111
3.65
3.2
3.5
3.8
3.3
V
V
V
VOR
Vertical Output Peak to Peak Voltage
Sub-Add=08
10000000
11000000
11111111
3.5
2.25
3
3.75
2.5
V
V
V
IVOUT
Vertical Output Maximum Current
+/-5
mA
VVRB
Vertical Ramp Filter Voltage
2
V
dVS
Max Vertical S-Correction Amplitude
S-Correction inhibited, DV/Vpp at TV/4
S-correction Maximum,
DV/Vpp at 3TV/4
Sub-Add 0A
0XXXXXXX
11111111
-4
+4
%
%
EAST/WEST FUNCTION (output is internal, can be checked at EWFB pin indirectly)
EWDC
DC Output Voltage with Typical VPOS
and Keystone inhibited
With external driver connected as unity
gain buffer
2.0
V
TDEWDC
DC Output Voltage Thermal Drift
(Non-test Parameter)
100
ppm/oC
EWPARA
Parabola Amplitude with Max VAMP,
Typ VPOS, Keystone inhibited
Sub-add 0C
11111111
11000000
10000000
1.0
0.5
0
V
V
V
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com