Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 1 Page - STMicroelectronics

  STV2000 Datasheet HTML 1Page - STMicroelectronics STV2000 Datasheet HTML 2Page - STMicroelectronics STV2000 Datasheet HTML 3Page - STMicroelectronics STV2000 Datasheet HTML 4Page - STMicroelectronics STV2000 Datasheet HTML 5Page - STMicroelectronics STV2000 Datasheet HTML 6Page - STMicroelectronics STV2000 Datasheet HTML 7Page - STMicroelectronics STV2000 Datasheet HTML 8Page - STMicroelectronics STV2000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
This is preliminary information on a new product in development or undergoing evaluation. Details are subject to change without notice.
Version 3.0
April 2000
1/38
This is preliminary information on a new product now in development. Details are subject to change without notice.
STV2000
I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND
70 MHz RGB PREAMPLIFIER
PRELIMINARY DATA
FEATURES
Horizontal deflection
s
Single frequency, self adaptive oscillator.
s
TTL compatible positive going sync.
s
I2C
controlled:
H-position,
Pin
Cushion,
Keystone, Parallelogram, Side Pin Balance,H-
amplitude.
s
DC East/West feedback.
s
DC controls: H-width breathing compensation.
s
X-Ray protection
Vertical deflection
s
Vertical ramp generator.
s
Wide range AGC loop.
s
TTL compatible positive going sync, no extra
pulses.
s
I2C controls: vertical position and S-correction.
s
DC controls: height breathing compensation.
Video preamplifier
s
3-channel 70MHz bandwidth RGB preamplifier.
s
5ns typical rise and fall time at 4VPP.
s
I
2C controls: RGB contrast, cut-off, brightness,
contrast up-date during vertical retrace time.
s
ABL will reduce gain (contrast).
s
0.514V typical video input signal for normal
display.
I2C Main features
s
I2C interface (slave) 100kHz max.
s
All I2C controlled DAC are 7bit, except for RGB
gain and cut-off.
s
Power- on- reset at 5 V (VDD).
s
0.5 to 4 V static DAC output.
Supply voltage & power
s
5 V/10.5 V dual supply.
s
Max power consumption: 1.2W
DESCRIPTION
The STV2000 is an I2C-controlled monolithic
integrated circuit assembled in a TQFP44 plastic
package. It combines both a deflection block
(horizontal and vertical, single frequency with very
powerful geometry correction) and a 70MHz RGB
pre-amplifier.
PIN CONNECTIONS
TQFP44
ORDER CODE :
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
44 43 42 41 40 39 38 37 36 35 34
12 13 14 15 16 17 18 19 20 21 22
VBDC
HBRTHin
EWFBin
EW
out
Vout
VBRTHin
VRB
VAVcc
Out1
Cut-off 1
SDA
VDD (5V)
LGDN
SAVcc
SCL
VCAP
VGND
VAGCAP
Vref
Vin
N.C.
In3
1


Similar Part No. - STV2000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV2001 STMICROELECTRONICS-STV2001 Datasheet
528Kb / 46P
I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
May-2000
STV200N55F3 STMICROELECTRONICS-STV200N55F3 Datasheet
491Kb / 12P
N-channel 55 V, 1.8 mΩ, 200 A, PowerSO-10 STripFET™ Power MOSFET
02-Mar-2009
More results

Similar Description - STV2000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1237 NSC-LM1237 Datasheet
1Mb / 42P
150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1238 NSC-LM1238 Datasheet
1Mb / 24P
110 MHz I2C Compatible RGB Preamplifier with Internal Simple OSD Generator and 4 DACs
logo
STMicroelectronics
STV2001 STMICROELECTRONICS-STV2001 Datasheet
528Kb / 46P
I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
May-2000
STV2102 STMICROELECTRONICS-STV2102 Datasheet
370Kb / 12P
I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
May-1992
TDA9203A STMICROELECTRONICS-TDA9203A Datasheet
119Kb / 13P
I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
08-May-2013
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
08-May-2013
logo
National Semiconductor ...
LM1229 NSC-LM1229 Datasheet
973Kb / 27P
I2C Compatible CMOS TV RGB and Deflection Processor
logo
Micronas
SDA9380-B21 MICRONAS-SDA9380-B21 Datasheet
403Kb / 72P
EDDC Enhanced Deflection Controller and RGB Processor
logo
National Semiconductor ...
LM1237 NSC-LM1237_04 Datasheet
1Mb / 42P
150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
logo
Texas Instruments
LM1229 TI1-LM1229 Datasheet
2Mb / 28P
Compatible CMOS TV RGB and Deflection Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com