Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9203A Datasheet (PDF) - STMicroelectronics

TDA9203A Datasheet PDF - STMicroelectronics
Part # TDA9203A
Download  TDA9203A Download
File Size   119.26 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER

TDA9203A Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA9203A Datasheet PDF - STMicroelectronics

Part # TDA9203A
Download  TDA9203A Click to download

File Size   119.26 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER

TDA9203A Datasheet (HTML) - STMicroelectronics


TDA9203A Product details

DESCRIPTION

The TDA9203A is a digitaly controlled wideband video preamplifier intended for use in mid range

color monitor. All controls and adjustments are digitaly performed thanks to I2C serial bus. Con

trast, brightness and DC output level of RGB signals are common to the 3 channels and drive

adjustmentis separatefor each channel.



.70MHz TYPICAL BANDWIDTH AT 4VPP OUTPUT WITH 12pF CAPACITIVE LOAD

.5.5ns TYPICAL RISE/FALL TIME AT 4VPP OUTPUT WITH 12pF CAPACITIVE LOAD

.POWERFULL OUTPUT DRIVE CAPABILITY

.BRT, CONT, DRIVE, OUTPUT DC LEVEL, OSD CONTRAST, BACK-PORCH CLAMPING PULSE WIDTH ARE I2C BUS CONTROLLED

.INTERNAL BACK-PORCH CLAMPING PULSE GENERATOR

.OSD WHITE BALANCE TRACKING

.INTERNAL OSD SWITCHES

.BLANKINGAND FAST-BLANKING INPUTS

.VERY LARGE DRIVE ADJUSTMENT RANGE(48dB)

.SEMI-TRANSPARENT BACKGROUND ON OSD PICTURE

.ABL CONTROL




Similar Part No. - TDA9203A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9201 STMICROELECTRONICS-TDA9201 Datasheet
709Kb / 12P
WIDE BAND VIDEO PREAMPLIFIER
Sep-1993
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
08-May-2013
TDA9207 STMICROELECTRONICS-TDA9207 Datasheet
262Kb / 22P
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS
Mar-2000
TDA9209 STMICROELECTRONICS-TDA9209 Datasheet
268Kb / 22P
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
Mar-2000
More results


Similar Description - TDA9203A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4887PS PHILIPS-TDA4887PS Datasheet
425Kb / 68P
160 MHz bus-controlled monitor video preamplifier
2001 Oct 19
TDA8443A PHILIPS-TDA8443A Datasheet
124Kb / 20P
I2C-bus controlled YUV/RGB switch
1995 Mar 07
logo
STMicroelectronics
STV2000 STMICROELECTRONICS-STV2000 Datasheet
265Kb / 38P
I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
Apr-2000
STV2001 STMICROELECTRONICS-STV2001 Datasheet
528Kb / 46P
I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
May-2000
STV2102 STMICROELECTRONICS-STV2102 Datasheet
370Kb / 12P
I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
May-1992
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
08-May-2013
logo
Renesas Technology Corp
M52743BSP RENESAS-M52743BSP Datasheet
322Kb / 26P
I2C BUS Controlled 3-Channel Video Preamplifier
logo
ON Semiconductor
NCP5623 ONSEMI-NCP5623 Datasheet
143Kb / 10P
Triple Output I2C Controlled RGB LED Driver
October, 2008 ??Rev. 6
logo
Texas Instruments
LM1276 TI1-LM1276 Datasheet
1Mb / 56P
Compatible RGB Preamplifier
logo
ON Semiconductor
NCP5623B ONSEMI-NCP5623B_15 Datasheet
97Kb / 12P
Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com