Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9207 Datasheet (PDF) - STMicroelectronics

TDA9207 Datasheet PDF - STMicroelectronics
Part # TDA9207
Download  TDA9207 Download
File Size   262.98 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS

TDA9207 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA9207 Datasheet PDF - STMicroelectronics

Part # TDA9207
Download  TDA9207 Click to download

File Size   262.98 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS

TDA9207 Datasheet (HTML) - STMicroelectronics


TDA9207 Product details

DESCRIPTION
The TDA9207 is an I2C Bus controlled RGB preamplifier designed for Monitor application, able to mix the RGB signals coming from any OSD device. The usual Contrast, Brightness, Drive and Cut-Off Controls are provided.

FEATURE
■ 150 MHZ PIXEL RATE
■ 2.7 ns RISE AND FALL TIME
■ I2C BUS CONTROLLED
■ GREY SCALE TRACKING VERSUS BRIGHTNESS
■ OSD MIXING
■ NEGATIVE FEED-BACK FOR DC COUPLING APPLICATION
■ INTERNAL POSITIVE FEED-BACK FOR LCD APPLICATION
■ 0.5~4.5 V DACs FOR BLACK LEVEL RESTORATION (AC-COUPLING APPLICATION) OR CUT-OFF CONTROLS (FOR DC-COUPLING APPLICATION USING THE ST AMPLIFIERS TDA9533/9530)
■ BEAM CURRENT ATTENUATION (ABL)
■ PEDESTRAL CLAMPING ON OUTPUT STAGE
■ POSSIBILITY OF LIGHT OR DARK GREY OSD BACKGROUND
■ OSD INDEPENDENT CONTRAST CONTROL
■ ADJUSTABLE BANDWIDTH
■ INPUT BLACK LEVEL CLAMPING WITH BUILT-IN CLAMPING PULSE
■ STAND-BY MODE
■ 5 V TO 8 V POWER SUPPLY
■ SYNC CLIPPING FUNCTION (SOG)




Similar Part No. - TDA9207

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9201 STMICROELECTRONICS-TDA9201 Datasheet
709Kb / 12P
WIDE BAND VIDEO PREAMPLIFIER
Sep-1993
TDA9203 STMICROELECTRONICS-TDA9203 Datasheet
119Kb / 13P
I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
08-May-2013
TDA9203A STMICROELECTRONICS-TDA9203A Datasheet
119Kb / 13P
I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
08-May-2013
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
08-May-2013
TDA9209 STMICROELECTRONICS-TDA9209 Datasheet
268Kb / 22P
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
Mar-2000
More results


Similar Description - TDA9207

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4686 PHILIPS-TDA4686 Datasheet
145Kb / 28P
Video processor with automatic cut-off control
1997 Jun 23
TDA4687 PHILIPS-TDA4687 Datasheet
129Kb / 24P
Video processor with automatic cut-off control
1997 Jun 23
TDA4885 PHILIPS-TDA4885 Datasheet
396Kb / 56P
150 MHz video controller with I2C-bus
1997 Nov 25
logo
STMicroelectronics
TDA9209 STMICROELECTRONICS-TDA9209 Datasheet
268Kb / 22P
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
Mar-2000
TDA9210 STMICROELECTRONICS-TDA9210 Datasheet
206Kb / 19P
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS
Mar-2000
STV9211 STMICROELECTRONICS-STV9211 Datasheet
680Kb / 37P
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
03-Oct-2001
logo
NXP Semiconductors
TDA9989 NXP-TDA9989 Datasheet
238Kb / 48P
150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Rev. 02-11 June 2009
TDA19989 NXP-TDA19989 Datasheet
349Kb / 47P
150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
Axiomtek Co., Ltd.
P6105 AXIOMTEK-P6105 Datasheet
306Kb / 2P
Multiple video inputs including DVI-D and HDMI
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com