Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9207 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA9207
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9207 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA9207 Datasheet HTML 1Page - STMicroelectronics TDA9207 Datasheet HTML 2Page - STMicroelectronics TDA9207 Datasheet HTML 3Page - STMicroelectronics TDA9207 Datasheet HTML 4Page - STMicroelectronics TDA9207 Datasheet HTML 5Page - STMicroelectronics TDA9207 Datasheet HTML 6Page - STMicroelectronics TDA9207 Datasheet HTML 7Page - STMicroelectronics TDA9207 Datasheet HTML 8Page - STMicroelectronics TDA9207 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TDA9207
2/22
1 - PIN CONNECTIONS
2 - PIN DESCRIPTION
Pin Number
Symbol
Description
1
IN1
Red Video Input
2
ABL
ABL Input
3
IN2
Green Video Input
4
GNDL
Logic Ground
5
IN3
Blue Video Input
6
GNDA
Analog Ground
7VCCA
Analog VCC (5V)
8
NC
Not Connected
9
OSD1
Red OSD Input
10
OSD2
Green OSD Input
11
OSD3
Blue OSD Input
12
FBLK
Fast Blanking
13
SCL
SCL
14
SDA
SDA
15
CO2/FB2
Green Cut-off Output/Feedback Input
16
CO3/FB3
Blue Cut-off Output/Feedback Input
17
OUT3
Blue Video Output
18
GNDP
Power Ground
19
OUT2
Green Video Output
20
VCCP
Power VCC (5 V to 8 V)
21
OUT1
Red Video Output
22
CO1/FB1
Red Cut-off Output/Feedback Input
23
HSYNC
BPCP
HSYNC
BPCP
24
BLK
Blanking Input
BLK
IN1
ABL
IN2
GNDL
IN3
GNDA
VCCA
NC
OSD1
OSD2
OSD3
FBLK
HSYNC or BPCP
CO1/FB1
OUT1
VCCP
OUT2
GNDP
OUT3
CO3/FB3
CO2/FB2
SDA
SCL
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com