Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9207 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA9207
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9207 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA9207 Datasheet HTML 12Page - STMicroelectronics TDA9207 Datasheet HTML 13Page - STMicroelectronics TDA9207 Datasheet HTML 14Page - STMicroelectronics TDA9207 Datasheet HTML 15Page - STMicroelectronics TDA9207 Datasheet HTML 16Page - STMicroelectronics TDA9207 Datasheet HTML 17Page - STMicroelectronics TDA9207 Datasheet HTML 18Page - STMicroelectronics TDA9207 Datasheet HTML 19Page - STMicroelectronics TDA9207 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
TDA9207
16/22
Miscellaneous Register (R9) - I2C Table 3
Bandwidth Adjustment (R13) - I2C Table 4
Figure 11. BPCP and OCL Generation
b7
b6
b5
b4
b3
b2
b1
b0
Function
POR Value
0
Positive Blanking Polarity
x
1
Negative Blanking Polarity
0
Soft Blanking = OFF
x
1
Soft Blanking = ON
1
1
1
AC Coupling Mode or DC with Cut-off control
x
x
0
1
DC Coupling Mode
0
x
0
DC Coupling with Feedback Mode
0
0
Light Grey on OSD Outputs = OFF
x
0
1
Light Grey on OSD Outputs = ON
0
0
Dark Grey on OSD Outputs = OFF
x
1
0
Dark Grey on OSD Outputs = ON
0
SOG Clipping = OFF
x
1
SOG Clipping = ON
b7
b6
b5
b4
b3
b2
b1
b0
Function
POR Value
1111
130 MHz
0111
100 MHz
x
0000
80 MHz
0
0
Normal Operation
x
0
1
BW DAC output connected to BLK input (for test)
10
BW DAC complementary output connected to BLK input
(for test)
OCL Source
Selection
R8b7
BLK Polarity
Selection
R9b0
Pulse
Generation
Polarity
Selection
Source
Selection
R8b0
HS edge
Selection
R8b1
Width
Selection
R8b2b3
BPCP Source
Selection
R8b4
Pulse
Generation
Edge
Selection
Automatic
Polarity
BPCP
(Internal)
OCL
(Internal)
BLK
(External)
HS/BPCP
(External)
23
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com