Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9207 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA9207
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9207 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA9207 Datasheet HTML 7Page - STMicroelectronics TDA9207 Datasheet HTML 8Page - STMicroelectronics TDA9207 Datasheet HTML 9Page - STMicroelectronics TDA9207 Datasheet HTML 10Page - STMicroelectronics TDA9207 Datasheet HTML 11Page - STMicroelectronics TDA9207 Datasheet HTML 12Page - STMicroelectronics TDA9207 Datasheet HTML 13Page - STMicroelectronics TDA9207 Datasheet HTML 14Page - STMicroelectronics TDA9207 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TDA9207
11/22
5 - ABSOLUTE MAXIMUM RATINGS
6 - THERMAL DATA
7 - DC ELECTRICAL CHARACTERISTICS
T
amb =25°C, V
CCA =5V, VCCP = 8V, unless otherwise specified.
Symbol
Parameter
Pin
Value
Units
VCCA Max.
VCCP Max.
Supply Voltage on Analog VCC
Supply Voltage on Power VCC
7
20
5.5
8.8
V
V
Vin Max.
Voltage at any Input Pins (except Video inputs) and Input/Output Pins
-
5.5
V
VI Max.
Voltage at Video Inputs
1, 3, 5
1.4
V
Tstg
Storage Temperature
-
-
°C
Toper
Operating Junction Temperature
-
+150
°C
Symbol
Parameter
Value
Units
Rth(j-a)
Max. Junction-ambient Thermal Resistance
69
°C/W
Tj
Typ. Junction Temperature at Tamb =25°C80
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VCCA
Analog Supply Voltage
Pin 7
4.5
5
5.5
V
VCCP
Power Supply Voltage
Pin 20
4.5
8
8.8
V
ICCA
Analog Supply Current
VCCA =5V
70
mA
ICCP
Power Supply Current
VCCP =8V
55
mA
VI
Video Input Voltage Amplitude
0.7
1
V
Vo
Output Voltage Range
0.5
VCCP
-0.5V
V
VIL
VIH
Low Level Input Voltage
High Level Input Voltage
OSD, FBLK, BLK, HSYNC
2.4
0.8
V
V
IIN
Input Current
OSD, FBLK, BLK
-1
1
µA
RHS
Input Resistor
HSYNC
40
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com