Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9207 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA9207
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9207 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA9207 Datasheet HTML 1Page - STMicroelectronics TDA9207 Datasheet HTML 2Page - STMicroelectronics TDA9207 Datasheet HTML 3Page - STMicroelectronics TDA9207 Datasheet HTML 4Page - STMicroelectronics TDA9207 Datasheet HTML 5Page - STMicroelectronics TDA9207 Datasheet HTML 6Page - STMicroelectronics TDA9207 Datasheet HTML 7Page - STMicroelectronics TDA9207 Datasheet HTML 8Page - STMicroelectronics TDA9207 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Version 4.2
March 2000
1/22
TDA9207
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS
INCLUDING CUT-OFF INPUTS
FEATURE
s
150 MHZ PIXEL RATE
s
2.7 ns RISE AND FALL TIME
s
I2C BUS CONTROLLED
s
GREY SCALE TRACKING VERSUS BRIGHT-
NESS
s
OSD MIXING
s
NEGATIVE FEED-BACK FOR DC COUPLING
APPLICATION
s
INTERNAL POSITIVE FEED-BACK FOR LCD
APPLICATION
s
0.5~4.5 V DACs FOR BLACK LEVEL RESTO-
RATION (AC-COUPLING APPLICATION) OR
CUT-OFF CONTROLS (FOR DC-COUPLING
APPLICATION USING THE ST AMPLIFIERS
TDA9533/9530)
s
BEAM CURRENT ATTENUATION (ABL)
s
PEDESTRAL
CLAMPING
ON
OUTPUT
STAGE
s
POSSIBILITY OF LIGHT OR DARK GREY
OSD BACKGROUND
s
OSD INDEPENDENT CONTRAST CONTROL
s
ADJUSTABLE BANDWIDTH
s
INPUT BLACK
LEVEL
CLAMPING WITH
BUILT-IN CLAMPING PULSE
s
STAND-BY MODE
s
5 V TO 8 V POWER SUPPLY
s
SYNC CLIPPING FUNCTION (SOG)
DESCRIPTION
The TDA9207 is an I2C Bus controlled RGB pre-
amplifier designed for Monitor application, able to
mix the RGB signals coming from any OSD de-
vice. The usual Contrast, Brightness, Drive and
Cut-Off Controls are provided.
In addition, it includes the following features:
– OSD contrast,
– Bandwidth adjustment,
– Grey background,
– Internal back porch clamping pulse generator.
The RGB incoming signals are amplified and
shaped to drive any commonly used video amplifi-
ers without intermediate follower stages. Even
though encapsulated in a 24-pin package only,
this IC allows any kind of CRT Cathode coupling :
– AC coupling with DC restore,
– DC coupling with Feed-back from Cathodes,
– DC coupling with Cut-Off controls of the Video
amplifier (ST Amplifiers TDA9533/9530).
As for any ST Video pre-amplifier, the TDA9207 is
able to drive a real load without any external inter-
face.
One of the main advantages of ST devices is their
ability to sink and source currents while most of
the devices from our competitors have problems
to sink large currents.
These driving capabilities combined with an origi-
nal output stage structure suppress any static cur-
rent on the output pins and therefore reduce dra-
matically the power dissipation of the device.
Extensive integration combined with high perform-
ance and advanced features make the TDA9207
one of the best choice for any CRT Monitor in the
14” to 17” range.
Perfectly matched with the ST Video Amplifiers
TDA9530/33, these 2 products offer a complete
solution for high performance and cost-optimized
Video Board Application.
SHRINK DIP24
(Shrink Plastic Package)
ORDER CODE: TDA9207
1


Similar Part No. - TDA9207

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9201 STMICROELECTRONICS-TDA9201 Datasheet
709Kb / 12P
WIDE BAND VIDEO PREAMPLIFIER
Sep-1993
TDA9203 STMICROELECTRONICS-TDA9203 Datasheet
119Kb / 13P
I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
08-May-2013
TDA9203A STMICROELECTRONICS-TDA9203A Datasheet
119Kb / 13P
I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
08-May-2013
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
08-May-2013
TDA9209 STMICROELECTRONICS-TDA9209 Datasheet
268Kb / 22P
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
Mar-2000
More results

Similar Description - TDA9207

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4686 PHILIPS-TDA4686 Datasheet
145Kb / 28P
Video processor with automatic cut-off control
1997 Jun 23
TDA4687 PHILIPS-TDA4687 Datasheet
129Kb / 24P
Video processor with automatic cut-off control
1997 Jun 23
TDA4885 PHILIPS-TDA4885 Datasheet
396Kb / 56P
150 MHz video controller with I2C-bus
1997 Nov 25
logo
STMicroelectronics
TDA9209 STMICROELECTRONICS-TDA9209 Datasheet
268Kb / 22P
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
Mar-2000
TDA9210 STMICROELECTRONICS-TDA9210 Datasheet
206Kb / 19P
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS
Mar-2000
STV9211 STMICROELECTRONICS-STV9211 Datasheet
680Kb / 37P
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
03-Oct-2001
logo
NXP Semiconductors
TDA9989 NXP-TDA9989 Datasheet
238Kb / 48P
150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Rev. 02-11 June 2009
TDA19989 NXP-TDA19989 Datasheet
349Kb / 47P
150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
Axiomtek Co., Ltd.
P6105 AXIOMTEK-P6105 Datasheet
306Kb / 2P
Multiple video inputs including DVI-D and HDMI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com