Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9210 Datasheet (PDF) - STMicroelectronics

TDA9210 Datasheet PDF - STMicroelectronics
Part # TDA9210
Download  TDA9210 Download
File Size   206.7 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS

TDA9210 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA9210 Datasheet PDF - STMicroelectronics

Part # TDA9210
Download  TDA9210 Click to download

File Size   206.7 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS

TDA9210 Datasheet (HTML) - STMicroelectronics


TDA9210 Product details

DESCRIPTION
The TDA9210 is an I2C Bus controlled RGB preamplifier designed for Monitor applications, able to mix the RGB signals coming from any OSD device. The usual Contrast, Brightness, Drive and Cut-Off Controls are provided.

FEATURE
■ 150 MHZ PIXEL RATE
■ 2.7 ns RISE AND FALL TIME
■ I2C BUS CONTROLLED
■ GREY SCALE TRACKING VERSUS BRIGHTNESS
■ OSD MIXING
■ NEGATIVE FEED-BACK FOR DC COUPLING APPLICATION
■ BEAM CURRENT ATTENUATION (ABL)
■ PEDESTRAL CLAMPING ON OUTPUT STAGE
■ POSSIBILITY OF LIGHT OR DARK GREY OSD BACKGROUND
■ OSD INDEPENDENT CONTRAST CONTROL
■ ADJUSTABLE BANDWIDTH
■ INPUT BLACK LEVEL CLAMPING WITH BUILT-IN CLAMPING PULSE
■ STAND-BY MODE
■ 5 V TO 8 V POWER SUPPLY
■ SYNC CLIPPING FUNCTION (SOG)




Similar Part No. - TDA9210

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9210 STMICROELECTRONICS-TDA9210 Datasheet
444Kb / 24P
12 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
Feb-2002
More results


Similar Description - TDA9210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4885 PHILIPS-TDA4885 Datasheet
396Kb / 56P
150 MHz video controller with I2C-bus
1997 Nov 25
logo
STMicroelectronics
TDA9207 STMICROELECTRONICS-TDA9207 Datasheet
262Kb / 22P
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS
Mar-2000
TDA9209 STMICROELECTRONICS-TDA9209 Datasheet
268Kb / 22P
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
Mar-2000
logo
TEMIC Semiconductors
U2203B TEMIC-U2203B Datasheet
106Kb / 7P
RGB Video Amplifier System for Monitors
logo
Micronas
VPX3226E MICRONAS-VPX3226E Datasheet
616Kb / 92P
Video Pixel Decoders
logo
STMicroelectronics
STV9211 STMICROELECTRONICS-STV9211 Datasheet
680Kb / 37P
150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
03-Oct-2001
logo
Micronas
VPX322XE MICRONAS-VPX322XE Datasheet
567Kb / 92P
Video Pixel Decoders
logo
List of Unclassifed Man...
VPX3220A ETC-VPX3220A Datasheet
752Kb / 80P
Video Pixel Decoders
VPX3225D ETC-VPX3225D Datasheet
672Kb / 92P
Video Pixel Decoders
VNM-EDGE2 ETC2-VNM-EDGE2 Datasheet
976Kb / 6P
Video Quality Monitors
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com