Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9210 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA9210
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9210 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA9210 Datasheet HTML 1Page - STMicroelectronics TDA9210 Datasheet HTML 2Page - STMicroelectronics TDA9210 Datasheet HTML 3Page - STMicroelectronics TDA9210 Datasheet HTML 4Page - STMicroelectronics TDA9210 Datasheet HTML 5Page - STMicroelectronics TDA9210 Datasheet HTML 6Page - STMicroelectronics TDA9210 Datasheet HTML 7Page - STMicroelectronics TDA9210 Datasheet HTML 8Page - STMicroelectronics TDA9210 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TDA9210
2/19
1 - PIN CONNECTIONS
2 - PIN DESCRIPTION
Pin Number
Symbol
Description
1
IN1
Red Video Input
2
ABL
ABL Input
3
IN2
Green Video Input
4
GNDL
Logic Ground
5
IN3
Blue Video Input
6
GNDA
Analog Ground
7VCCA
Analog VCC (5V)
8
OSD1
Red OSD Input
9
OSD2
Green OSD Input
10
OSD3
Blue OSD Input
11
FBLK
Fast Blanking
12
SCL
SCL
13
SDA
SDA
14
OUT3
Blue Video Output
15
GNDP
Power Ground
16
OUT2
Green Video Output
17
VCCP
Power VCC (5 V to 8 V)
18
OUT1
Red Video Output
19
HSYNC/BPCP
HSYNC/BPCP
20
BLK
Blanking Input
BLK
IN1
ABL
IN2
GNDL
IN3
GNDA
VCCA
OSD1
OSD2
OSD3
FBLK
HSYNC or BPCP
OUT1
VCCP
OUT2
GNDP
OUT3
SDA
SCL
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com