Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9210 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA9210
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9210 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA9210 Datasheet HTML 1Page - STMicroelectronics TDA9210 Datasheet HTML 2Page - STMicroelectronics TDA9210 Datasheet HTML 3Page - STMicroelectronics TDA9210 Datasheet HTML 4Page - STMicroelectronics TDA9210 Datasheet HTML 5Page - STMicroelectronics TDA9210 Datasheet HTML 6Page - STMicroelectronics TDA9210 Datasheet HTML 7Page - STMicroelectronics TDA9210 Datasheet HTML 8Page - STMicroelectronics TDA9210 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TDA9210
3/19
3 - BLOCK DIAGRAM
4 - FUNCTIONAL DESCRIPTION
4.1 - RGB Input
The three RGB inputs have to be supplied through
coupling capacitors (100 nF).
The maximum input peak-to-peak video amplitude
is 1 V.
The input stage includes a clamping function. The
clamp uses the input serial capacitor as a ”memo-
ry capacitor”.
To avoid a discharge of the serial capacitor during
the line (due to leakage current), the input voltage
is referenced to the ground.
The clamp is gated by an internally generated
”Back Porch Clamping Pulse” (BPCP). Register 8
allows to choose the way to generate this BPCP
(see Figure 1).
When bit 0 is set to 0, the BPCP is synchronized
on the trailing or leading edge of HSYNC (Pin 19)
(bit 1 = 0: trailing edge, bit 1 = 1: leading edge).
BLK
FBLK
VCCP
OUT1
GNDP
OUT2
OUT3
IN1
IN2
IN3
ABL
GNDL
GNDA
VCCA
HSYNC
SDA SCL
OSD1
OSD2
OSD3
or BPCP
TDA9210
17
11
20
1
3
5
2
4
6
7
19
13
12
8
9
10
14
16
15
18
Output Clamp Pulse
(OCL)
Output
Stage
Drive
Contrast
VREF
Clamp
Green Channel
Blue Channel
Contrast/8bit
Latches
I2C
Bus
Decoder
D/A
BPCP
OSD
Cont.
4bits
Drive
3x8bits
Brightness
8bits
VREF
Output
DC Level
4bits
I C
Cut-off
8bits
See Figure 8 for complete BPCP and OCL generation diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com