Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9210 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA9210
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9210 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA9210 Datasheet HTML 9Page - STMicroelectronics TDA9210 Datasheet HTML 10Page - STMicroelectronics TDA9210 Datasheet HTML 11Page - STMicroelectronics TDA9210 Datasheet HTML 12Page - STMicroelectronics TDA9210 Datasheet HTML 13Page - STMicroelectronics TDA9210 Datasheet HTML 14Page - STMicroelectronics TDA9210 Datasheet HTML 15Page - STMicroelectronics TDA9210 Datasheet HTML 16Page - STMicroelectronics TDA9210 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TDA9210
13/19
Miscellaneous Register (R9) - I2C Table 3
Note 3 : After Power ON, the DC coupling mode must be programmed in Register 9 by setting bit2=1 and bit3=0.
Bandwidth Adjustment (R13) - I2C Table 4
Figure 8. BPCP and OCL Generation
b7
b6
b5
b4
b3
b2
b1
b0
Function
POR Value
0
Positive Blanking Polarity
x
1
Negative Blanking Polarity
0
Soft Blanking = OFF
x
1
Soft Blanking = ON
x
0
1
DC Coupling Mode (Note 3)
0
0
Light Grey on OSD Outputs = OFF
x
0
1
Light Grey on OSD Outputs = ON
0
0
Dark Grey on OSD Outputs = OFF
x
1
0
Dark Grey on OSD Outputs = ON
0
SOG Clipping = OFF
x
1
SOG Clipping = ON
b7
b6
b5
b4
b3
b2
b1
b0
Function
POR Value
1111
130 MHz
0111
100 MHz
x
0000
80 MHz
0
0
Normal Operation
x
0
1
BW DAC output connected to BLK input (for test)
10
BW DAC complementary output connected to BLK input
(for test)
OCL Source
Selection
R8b7
BLK Polarity
Selection
R9b0
Pulse
Generation
Polarity
Selection
Source
Selection
R8b0
HS edge
Selection
R8b1
Width
Selection
R8b2b3
BPCP Source
Selection
R8b4
Pulse
Generation
Edge
Selection
Automatic
Polarity
BPCP
(Internal)
OCL
(Internal)
BLK
(External)
HS/BPCP
(External)
23
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com