Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9207 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA9207
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9207 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA9207 Datasheet HTML 11Page - STMicroelectronics TDA9207 Datasheet HTML 12Page - STMicroelectronics TDA9207 Datasheet HTML 13Page - STMicroelectronics TDA9207 Datasheet HTML 14Page - STMicroelectronics TDA9207 Datasheet HTML 15Page - STMicroelectronics TDA9207 Datasheet HTML 16Page - STMicroelectronics TDA9207 Datasheet HTML 17Page - STMicroelectronics TDA9207 Datasheet HTML 18Page - STMicroelectronics TDA9207 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
TDA9207
15/22
11 - I2C REGISTER DESCRIPTION
Register Sub-addressed - I
2C Table 1
For Contrast & Drive adjustment, code 00 (dec) and 255 (dec) are not allowed.
For Output DC Level, code 00(dec), 01(dec), 02(dec) are not allowed (Register 06).
For Cut Off Output DC Level, output voltage is linear between code 10 and code 235 (Registers 0A, 0B, 0C).
BPCP & OCL Register (R8) - I2C Table 2 (see also Figure12)
Sub-address
Register Names
POR Value
Max.
Value
Hex
Dec
Hex
Dec
Hex
Dec
01
01
Contrast (CRT)
8-bit DAC
B4
180
FE
254
02
02
Brightness (BRT)
8-bit DAC
B4
180
FF
255
03
03
Drive 1 (DRV)
8-bit DAC
B4
180
FE
254
04
04
Drive 2 (DRV)
8-bit DAC
B4
180
FE
254
05
05
Drive 3 (DRV)
8-bit DAC
B4
180
FE
254
06
06
Output DC Level (DCL)
4-bit DAC
09
09
0F
15
07
07
OSD Contrast (OSD)
4-bit DAC
09
09
0F
15
08
08
BPCP & OCL
Refer to the I2C table 2
04
04
09
09
Miscellaneous
Refer to the I2C table 3
1C
28
0A
10
Cut Off Out 1 DC Level (Cut-off)
8-bit DAC
B4
180
FF
255
0B
11
Cut Off Out 2 DC Level (Cut-off)
8-bit DAC
B4
180
FF
255
0C
12
Cut Off Out 3 DC Level (Cut-off)
8-bit DAC
B4
180
FF
255
0D
13
Bandwidth Adjustment (BW)
4-bit DAC
07
07
0F
15
b7
b6
b5
b4
b3
b2
b1
b0
Function
POR Value
0
0
Internal BPCP triggered by HSYNC
x
0
1
Internal BPCP triggered by BLK
0
0
Internal BPCP synchronized by the trailing edge
x
0
1
Internal BPCP synchronized by the leading edge
0
0
0
Internal BPCP Width = 0.33
µs
0
0
1
Internal BPCP Width = 0.66
µsx
0
1
0
Internal BPCP Width = 1
µs
0
1
1
Internal BPCP Width = 1.33
µs
1
Internal BPCP = BPCP input (Pin 23)
0
Normal Operation
x
1
Reserved (Force BPCP to 1 in test)
0
Normal Operation
x
1
Reserved (Force OCL to 1 in test)
0
Internal OCL pulse triggered by BLK (pin 24)
x
1
Internal OCL pulse = Internal BPCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com