Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV2000 Datasheet HTML 6Page - STMicroelectronics STV2000 Datasheet HTML 7Page - STMicroelectronics STV2000 Datasheet HTML 8Page - STMicroelectronics STV2000 Datasheet HTML 9Page - STMicroelectronics STV2000 Datasheet HTML 10Page - STMicroelectronics STV2000 Datasheet HTML 11Page - STMicroelectronics STV2000 Datasheet HTML 12Page - STMicroelectronics STV2000 Datasheet HTML 13Page - STMicroelectronics STV2000 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
STV2000
10/38
VIDEO PRE-AMP SECTION
HORIZO NTAL BREATHING COMPENSATIO N
HBRdc
Breathing input DC Control Range
1
10.5
V
HSC
Horizontal size compensation, EW DC
voltage variation under full range of
HBRdc
0.4
V
Symbol
Parameter
Test Conditi ons
Min
Typ
Max
Unit
DC Electrical Characteristics (VAVCC =PVCC = 10.5V, Tamb = 25
oC)
VAVcc
Video Section Analog Supply Voltage
9.5
10.5
11.5
V
PVcc
Power Section Supply Voltage
9.5
10.5
11.5
V
IS
Supply Current of VAVcc & PVcc
60
mA
VIN
Video Input Voltage Amplitude
0.7
1
Vpp
VOUT
Typical Output Voltage Range
0.5
7
V
VDC
Output DC level (Black level)
1.5
V
AC Electrical Characteristics (VAVCC =PVCC = 10.5V, CL = 12pF, RL = 1KΩ, Tamb = 25
oC)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
AV
Maximum Gain
Max Contrast and Drive
I2C Gainwin = 1
18
dB
CAR
Contrast Attenuation Range
VIN = 0.7Vpp
Contrast and Drive at
POR
30
dB
DAR
Drive Attenuation Range
30
dB
GM
Gain Match
VIN = 0.7Vpp,
VOUT = 4Vpp, Contrast
and Drive= 0.87Max
+-0.1
dB
BW
Large Signal Bandwidth
VIN=0.7Vpp,
VOUT = 4Vpp, Contrast
and Drive = 0.87Max
At -3dB
70
MHz
DIS
Video Output Distortion
f=1MHz, VIN=1Vpp,
VOUT = 1Vpp
0.3
%
tR,tF
Video Output Rise and Fall Time
VIN = 0.7Vpp,
VOUT =4Vpp,Contrast
and Drive=0.87Max
5ns
dVo
Overshoot of output with respect to
actual output amplitude
CLOAD=5pF
5
7
%
BRT
Brightness max DC level
Brightness min DC level
2.5
0
V
V
RL
Equivalent Load on Video Output
Tj<TjMAX
1k
Ω
Tsample
Hold time
100
ms
Symbol
Parameter
Test Conditi ons
Min
Typ
Max
Unit
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com