Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74ACT164 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74ACT164
Description  Serial-In, Parallel-Out Shift Register
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ACT164 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74ACT164 Datasheet HTML 1Page - Renesas Technology Corp HD74ACT164 Datasheet HTML 2Page - Renesas Technology Corp HD74ACT164 Datasheet HTML 3Page - Renesas Technology Corp HD74ACT164 Datasheet HTML 4Page - Renesas Technology Corp HD74ACT164 Datasheet HTML 5Page - Renesas Technology Corp HD74ACT164 Datasheet HTML 6Page - Renesas Technology Corp HD74ACT164 Datasheet HTML 7Page - Renesas Technology Corp HD74ACT164 Datasheet HTML 8Page - Renesas Technology Corp HD74ACT164 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.2.00, Jul.16.2004, page 1 of 8
HD74AC164/HD74ACT164
Serial-In, Parallel-Out Shift Register
REJ03D0253–0200Z
(Previous ADE-205-373 (Z))
Rev.2.00
Jul.16.2004
Description
The HD74AC164/HD74ACT164 is a high-speed 8-bit serial-in/parallel-out shift register. Serial data is entered through
a 2-input AND gate synchronous with the Low-to-High transition of the clock. The device features an asynchronous
Master Reset which clears the register, setting all outputs Low independent of the clock.
Features
• Outputs Source/Sink 24 mA
• HD74ACT164 has TTL-Compatible Inputs
• Ordering Information
Part Name
Package Type
Package Code Package Abbreviation Taping Abbreviation (Quantity)
HD74AC164P
DIP-14 pin
DP-14, -14AV
P
—
HD74AC164FPEL
SOP-14 pin (JEITA)
FP-14DAV
FP
EL (2,000 pcs/reel)
HD74AC164RPEL
SOP-14 pin (JEDEC)
FP-14DNV
RP
EL (2,500 pcs/reel)
HD74AC164TELL
TSSOP-14 pin
TTP-14DV
T
ELL (2,000 pcs/reel)
Notes: 1. Please consult the sales office for the above package availability.
2. The packages with lead-free pins are distinguished from the conventional products by adding V at the end of
the package code.
Pin Arrangement
1
2
3
4
5
6
7
14
13
12
11
10
9
8
A
B
Q0
Q1
Q2
GND
Q3
VCC
Q7
Q6
Q5
Q4
MR
CP
(Top view)


Similar Part No. - HD74ACT164

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ACT164 HITACHI-HD74ACT164 Datasheet
59Kb / 10P
Serial-In, Parallel-Out Shift Register
More results

Similar Description - HD74ACT164

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS164 MOTOROLA-SN54LS164 Datasheet
78Kb / 4P
SERIAL-IN PARALLEL-OUT SHIFT REGISTER
logo
National Semiconductor ...
54F164ADM NSC-54F164ADM Datasheet
156Kb / 8P
Serial-In, Parallel-Out Shift Register
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A Datasheet
58Kb / 6P
Serial-In, Parallel-Out Shift Register
logo
Hitachi Semiconductor
HD74AC164 HITACHI-HD74AC164 Datasheet
59Kb / 10P
Serial-In, Parallel-Out Shift Register
logo
National Semiconductor ...
74ACT164 NSC-74ACT164 Datasheet
112Kb / 6P
Serial-In, Parallel-Out Shift Register
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
Serial-In, Parallel-Out Shift Register
logo
Texas Instruments
54F164A TI1-54F164A Datasheet
200Kb / 10P
54F164A Serial-In, Parallel-Out Shift Register
logo
Renesas Technology Corp
HD74AC164 RENESAS-HD74AC164_15 Datasheet
151Kb / 11P
Serial-In, Parallel-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
STMicroelectronics
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
SERIAL-IN PARALLEL-OUT SHIFT REGISTER
Sep-1988
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com