| Electronic Components Datasheet Search |
|
HD74ACT164 Datasheet(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74ACT164 Datasheet(HTML) 2 Page - Renesas Technology Corp |
|
2 / 9 page ![]() HD74AC164/HD74ACT164 Rev.2.00, Jul.16.2004, page 2 of 8 Logic Symbol A B CP MR Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 Pin Names A, B Data Inputs CP Clock Pulse Input (Active Rising Edge) MR Master Reset Input (Active Low) Q 0 to Q7 Outputs Functional Description The HD74AC164/HD74ACT164 is an edge-triggered 8-bit shift register with serial data entry and an output from each of the eight stages. Data is entered serially through one of two inputs (A or B); either of these inputs can be used as an active High Enable for data entry through the other inputs. An unused input must be tied High. Each Low-to-High transition on the Clock (CP) input shifts data one place to the right and enters into Q 0 the logical AND of the two data inputs (A•B) that existed before the rising clock edge. A Low level on the Master Reset ( MR) input overrides all other inputs and clears the register asynchronously, forcing all Q outputs Low. Mode Select Table Inputs Outputs Operating Mode MR MR MR MR AB Q 0 Q 1 to Q7 Reset (Clear) L X X L L to L Shift H LLL q 0 to q6 HL HL q 0 to q6 HHL L q 0 to q6 HHHH q 0 to q6 H : High Voltage Level L : Low Voltage Level X : Immaterial q n : Lower case letters indicate the state of the referenced input or output one setup time prior to the Low-to-High clock transition. Logic Diagram A B CP MR D CD Q0 QD CD Q1 QD CD Q2 QD CD Q3 QD CD Q4 QD CD Q5 QD CD Q6 QD CD Q7 Q Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |