Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC283AFPEL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74AC283AFPEL
Description  4-bit Binary Full Adder with Fast Carry
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC283AFPEL Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74AC283AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74AC283AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74AC283AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74AC283AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74AC283AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74AC283AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74AC283AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74AC283AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74AC283AFPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev.2.00, Jul.16.2004, page 1 of 9
HD74AC283/HD74ACT283
4-bit Binary Full Adder with Fast Carry
REJ03D0267–0200Z
(Previous ADE-205-388 (Z))
Rev.2.00
Jul.16.2004
Description
The HD74AC283/HD74ACT283 high-speed 4-bit binary full adder with internal carry lookahead accepts two 4-bit
binary works (A
0 – A3, B0 – B3) and a Carry input (C0). It generates the binary Sum outputs (S0 – S3) and the Carry
output (C
4) from the most significant bit. The HD74AC283/HD74ACT283 will operate with either active High or
active Low operands (positive or negative logic).
Features
• Outputs Source/Sink 24 mA
• HD74ACT283 has TTL-Cmpatible Inputs
• Ordering Information: Ex. HD74AC283
Part Name
Package Type
Package Code Package Abbreviation Taping Abbreviation (Quantity)
HD74AC283AP
DIP-16 pin
DP-16E, -16FV
P
—
HD74AC283AFPEL SOP-16 pin (JEITA)
FP-16DAV
FP
EL (2,000 pcs/reel)
HD74AC283ARPEL SOP-16 pin (JEDEC) FP-16DNV
RP
EL (2,500 pcs/reel)
HD74AC283TELL
TSSOP-16 pin
TTP-16DAV
T
ELL(2,000 pcs/reel)
Notes: 1. Please consult the sales office for the above package availability.
2. The packages with lead-free pins are distinguished from the conventional products by adding V at the end of
the package code.
Pin Arrangement
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S1
B1
A1
S0
A0
C0
B0
GND
VCC
B2
A2
S2
A3
B3
S3
C4
(Top view)


Similar Part No. - HD74AC283AFPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
4-bit Binary Full Adder with Fast Carry
More results

Similar Description - HD74AC283AFPEL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
4-BIT BINARY FULL ADDER WITH FAST CARRY
SN54LS83A MOTOROLA-SN54LS83A Datasheet
94Kb / 3P
4-BIT BINARY FULL ADDER WITH FAST CARRY
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
4-bit binary full adder with fast carry
December 1990
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283 Datasheet
66Kb / 6P
4-Bit Binary Full Adder with Fast Carry
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
4-bit Binary Full Adder with Fast Carry
logo
Intersil Corporation
CD54AC283 INTERSIL-CD54AC283 Datasheet
9Kb / 1P
4-Bit Binary Full Adder with Fast Carry
June 1997
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
4-bit Binary Full Adder (with Fast Carry)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com