Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74ACT161 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74ACT161
Description  Synchronous Presettable Binary Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ACT161 Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74ACT161 Datasheet HTML 1Page - Renesas Technology Corp HD74ACT161 Datasheet HTML 2Page - Renesas Technology Corp HD74ACT161 Datasheet HTML 3Page - Renesas Technology Corp HD74ACT161 Datasheet HTML 4Page - Renesas Technology Corp HD74ACT161 Datasheet HTML 5Page - Renesas Technology Corp HD74ACT161 Datasheet HTML 6Page - Renesas Technology Corp HD74ACT161 Datasheet HTML 7Page - Renesas Technology Corp HD74ACT161 Datasheet HTML 8Page - Renesas Technology Corp HD74ACT161 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HD74ACT161/HD74ACT163
Rev.2.00, Jul.16.2004, page 6 of 8
Capacitance
Item
Symbol
Typ
Unit
Condition
Input capacitance
C
IN
4.5
pF
V
CC = 5.5 V
Power dissipation capacitance
C
PD
45.0
pF
V
CC = 5.0 V
AC Characteristics: HD74ACT163
Ta = +25°C
C
L = 50 pF
Ta = –40°C to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Min
Typ
Max
Min
Max
Unit
Maximum count
frequency
f
max
5.0
120
128
—
105
—
MHz
Propagation delay
CP to Q
n (PE Input
HIGH or LOW)
t
PLH
5.0
1.0
5.5
10.0
1.0
11.0
ns
Propagation delay
CP to Q
n (PE Input
HIGH or LOW)
t
PHL
5.0
1.0
6.0
11.0
1.0
12.0
ns
Propagation delay
CP to TC
t
PLH
5.0
1.0
7.0
11.5
1.0
13.5
ns
Propagation delay
CP to TC
t
PHL
5.0
1.0
8.0
13.5
1.0
15.0
ns
Propagation delay
CET to TC
t
PLH
5.0
1.0
5.5
9.0
1.0
10.5
ns
Propagation delay
CET to TC
t
PHL
5.0
1.0
6.0
10.0
1.0
11.0
ns
Note:
1. Voltage Range 5.0 is 5.0 V ± 0.5 V
AC Operating Requirements: HD74ACT163
Ta = +25°C
C
L = 50 pF
Ta = –40°C
to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Typ
Guaranteed Minimum
Unit
Set-up time, HIGH or LOW
P
n to CP
t
su
5.0
4.0
10.0
12.0
ns
Hold time, HIGH or LOW
P
n to CP
t
h
5.0
–5.0
0.5
0.5
ns
Setup time, HIGH or LOW
SR to CP
t
su
5.0
4.0
10.0
11.5
ns
Hold time, HIGH or LOW
SR to CP
t
h
5.0
–5.5
–0.5
–0.5
ns
Setup time, HIGH or LOW
PE to CP
t
su
5.0
4.0
8.5
10.5
ns
Hold time, HIGH or LOW
PE to CP
t
h
5.0
–5.5
–0.5
0
ns
Setup time, HIGH or LOW
CEP or CET to CP
t
su
5.0
2.5
5.5
6.5
ns
Hold time, HIGH or LOW
CEP or CET to CP
t
h
5.0
–3.0
0
0.5
ns
Clock pulse width (Load)
HIGH or LOW
t
w
5.0
2.0
3.5
3.5
ns
Clock pulse width (Count)
HIGH or LOW
t
w
5.0
2.0
3.5
3.5
ns
Note:
1. Voltage Range 5.0 is 5.0 V ± 0.5 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com