Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74ACT161 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74ACT161
Description  Synchronous Presettable Binary Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ACT161 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74ACT161 Datasheet HTML 1Page - Renesas Technology Corp HD74ACT161 Datasheet HTML 2Page - Renesas Technology Corp HD74ACT161 Datasheet HTML 3Page - Renesas Technology Corp HD74ACT161 Datasheet HTML 4Page - Renesas Technology Corp HD74ACT161 Datasheet HTML 5Page - Renesas Technology Corp HD74ACT161 Datasheet HTML 6Page - Renesas Technology Corp HD74ACT161 Datasheet HTML 7Page - Renesas Technology Corp HD74ACT161 Datasheet HTML 8Page - Renesas Technology Corp HD74ACT161 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.2.00, Jul.16.2004, page 1 of 8
HD74ACT161/HD74ACT163
Synchronous Presettable Binary Counter
REJ03D0279–0200Z
(Previous ADE-205-402 (Z))
Rev.2.00
Jul.16.2004
Description
The HD74ACT161 and HD74ACT163 are high-speed synchronous modulo-16 binary counters. They are
synchronously presettable for application in programmable dividers and have two types of Count Enable inputs plus a
Terminal Count output for versatility in forming synchronous multistage counters. The HD74ACT161 have an
asynchronous Master Reset input that overrides all other inputs and forces the outputs Low. The HD74ACT163 has a
Synchronous Reset input that overrides counting and parallel loading and allows the outputs to be simultaneously reset
on the rising edge of the clock.
Features
• Synchronous Counting and Loading
• High-Speed Synchronous Expansion
• Typical Count Rate of 125 MHz
• Outputs Source/Sink 24 mA
• HD74ACT161 and HD74ACT163 have TTL-Compatible Inputs
• Ordering Information: Ex. HD74ACT161
Part Name
Package Type
Package Code Package Abbreviation Taping Abbreviation (Quantity)
HD74ACT161FPEL SOP-16 pin (JEITA)
FP-16DAV
FP
EL (2,000 pcs/reel)
HD74ACT161RPEL SOP-16 pin (JEDEC) FP-16DNV
RP
EL (2,500 pcs/reel)
Notes: 1. Please consult the sales office for the above package availability.
2. The packages with lead-free pins are distinguished from the conventional products by adding V at the end of
the package code.
Pin Arrangement
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
*R
CP
P0
P1
P2
P3
GND
CEP
VCC
TC
Q0
Q1
Q2
Q3
CET
PE
(Top view)


Similar Part No. - HD74ACT161

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
Synchronous Presettable Binary Counter
More results

Similar Description - HD74ACT161

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
Synchronous Presettable Binary Counter
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
Synchronous Presettable Binary counter
logo
Motorola, Inc
MC74F161A MOTOROLA-MC74F161A Datasheet
102Kb / 4P
SYNCHRONOUS PRESETTABLE BINARY COUNTER
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com