Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTT1127E Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HTT1127E
Description  Silicon NPN Epitaxial Twin Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HTT1127E Datasheet(HTML) 6 Page - Renesas Technology Corp

  HTT1127E Datasheet HTML 1Page - Renesas Technology Corp HTT1127E Datasheet HTML 2Page - Renesas Technology Corp HTT1127E Datasheet HTML 3Page - Renesas Technology Corp HTT1127E Datasheet HTML 4Page - Renesas Technology Corp HTT1127E Datasheet HTML 5Page - Renesas Technology Corp HTT1127E Datasheet HTML 6Page - Renesas Technology Corp HTT1127E Datasheet HTML 7Page - Renesas Technology Corp HTT1127E Datasheet HTML 8Page - Renesas Technology Corp HTT1127E Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HTT1127E
Rev.1.00 Aug 10, 2005 page 6 of 8
Q2 Main Characteristics
20
16
12
8
4
12
3
4
5
6
25
20
15
10
5
0
0.2
0.4
0.6
0.8
1.0
200
100
0
0.1
1.0
10
100
IB = 20 µA
40
µA
60
µA
80
µA
100
µA
120 µA
140 µA
160 µA
VCE = 1 V
VCE = 1 V
0
180 µA
Typical Output Characteristics
Collector to Emitter Voltage VCE (V)
Typical Forward Transfer Characteristics
Base to Emitter Voltage VBE (V)
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
Collector to Base Voltage VCB (V)
Reverse Transfer Capacitance vs.
Collector to Base Voltage
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
1.0
Emitter ground
f = 1 MHz
1.0
0.8
6
4
3
2
1
0
12
5
10
20
50
100
Collector Current IC (mA)
Noise Figure vs. Collector Current
5
VCE = 1 V
f = 900 MHz
VCE = 1 V
VCE = 2 V
10
6
12
8
4
0
12
5
10
20
50
100
Collector Current IC (mA)
Gain Bandwidth Product vs.
Collector Current
f = 1 GHz
VCE = 2 V
VCE = 1 V
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com