Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTT1127E Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HTT1127E
Description  Silicon NPN Epitaxial Twin Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HTT1127E Datasheet(HTML) 1 Page - Renesas Technology Corp

  HTT1127E Datasheet HTML 1Page - Renesas Technology Corp HTT1127E Datasheet HTML 2Page - Renesas Technology Corp HTT1127E Datasheet HTML 3Page - Renesas Technology Corp HTT1127E Datasheet HTML 4Page - Renesas Technology Corp HTT1127E Datasheet HTML 5Page - Renesas Technology Corp HTT1127E Datasheet HTML 6Page - Renesas Technology Corp HTT1127E Datasheet HTML 7Page - Renesas Technology Corp HTT1127E Datasheet HTML 8Page - Renesas Technology Corp HTT1127E Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.1.00 Aug 10, 2005 page 1 of 8
HTT1127E
Silicon NPN Epitaxial Twin Transistor
REJ03G0839-0100
(Previous ADE-208-1540)
Rev.1.00
Aug.10.2005
Features
• Include 2 transistors in a small size SMD package: EMFPAK–6 (6 Leads: 1.2 x 0.8 x 0.5 mm)
Q1: Equivalent Buffer transistor
Q2: Equivalent OSC transistor
2SC5700
2SC5849
Outline
RENESAS Package code: PXSF0006LA-A
(Package name: EMFPAK-6)
1. Collector Q1
2. Emitter Q1
3. Collector Q2
4. Base Q2
5. Emitter Q2
6. Base Q1
65
4
3
2
1
B1
E2
B2
C1
E1
C2
Pin Arrangement
Q1
Q2
1
2
3
4
5
6
Note:
Marking is “R”.


Similar Part No. - HTT1127E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HTT1129E RENESAS-HTT1129E Datasheet
280Kb / 9P
Silicon NPN Epitaxial Twin Transistor
HTT1129EZTL-E RENESAS-HTT1129EZTL-E Datasheet
280Kb / 9P
Silicon NPN Epitaxial Twin Transistor
More results

Similar Description - HTT1127E

ManufacturerPart #DatasheetDescription
logo
NEC
UPA827TF NEC-UPA827TF Datasheet
166Kb / 6P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA836TF NEC-UPA836TF Datasheet
79Kb / 11P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA836TC NEC-UPA836TC Datasheet
16Kb / 2P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
California Eastern Labs
UPA831TC CEL-UPA831TC Datasheet
16Kb / 2P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
NEC
UPA821TF NEC-UPA821TF Datasheet
40Kb / 6P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA837TF NEC-UPA837TF Datasheet
18Kb / 2P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA826TC NEC-UPA826TC_01 Datasheet
35Kb / 3P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA832TF NEC-UPA832TF_99 Datasheet
58Kb / 9P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA833TF NEC-UPA833TF_99 Datasheet
77Kb / 11P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Renesas Technology Corp
HTT1213E RENESAS-HTT1213E Datasheet
144Kb / 4P
Silicon NPN Epitaxial Twin Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com