Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65762FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M65762FP
Description  QM-Coder
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65762FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M65762FP Datasheet HTML 9Page - Renesas Technology Corp M65762FP Datasheet HTML 10Page - Renesas Technology Corp M65762FP Datasheet HTML 11Page - Renesas Technology Corp M65762FP Datasheet HTML 12Page - Renesas Technology Corp M65762FP Datasheet HTML 13Page - Renesas Technology Corp M65762FP Datasheet HTML 14Page - Renesas Technology Corp M65762FP Datasheet HTML 15Page - Renesas Technology Corp M65762FP Datasheet HTML 16Page - Renesas Technology Corp M65762FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
M65762FP
REJ03F0235-0200 Rev.2.00 Sep 14, 2007
Page 13 of 34
d7 (MP):
Indication of pause at time of marker code detection
(0: Indication of continuation/restart, 1: Indication of temporary pause)
If this MP bit is in advance set to 1 in decoding, the decoding temporarily pauses at the time of marker
code detected.
(When the ME bit is set to 1, an interruption occurs when marker code is detected.)
When decoding process is not completed at time of temporary pause of marker detection, the register for
setting the number of lines can be respecified (see item (7)). Afterwards, setting this MP bit to 0 restarts
the decoding process (the decoding process is carried out for the number of set lines).
(6) Register for setting the number of pixels (W/R)
(Address: 4)
d7
d0
PEL_REG_L:
PEL_L
(Address: 5)
PEL_REG_H:
0
PEL_H
d7
d5
d0
d0 to 7 (PEL_L):
Sets the number of pixels in a line. (Low byte)
d0 to 5 (PEL_H):
Sets the number of pixels in a line. (Upper byte)
A maximum of 8192 pixels can be set at the 3-line template. A maximum of 10240 pixels
can be set at the 2-line template.
Set the number of pixels to be actually coded (decoded) at time of scale-up (scale-down).
When the image data bus is 16 bits (32 bits) with the parallel I/F selected, set the number of
pixels to multiples of 16 (multiples of 32).
With the serial I/F selected, set the number of pixels to multiples of 8.
(7) Register for setting the number of lines (W/R)
(Address: 6)
d7
d0
LSET_REG_L:
LSET_L
(Address: 7)
LSET_REG_H:
LSET_H
d0 to 7 (LSET_L):
Sets the number of lines to be processed. (Low order byte) (1 to 65535: 0 line is not allowed.)
d0 to 7 (LSET_H):
Sets the number of lines to be processed. (High order byte)
At time of scale-down (scale-up), set the number of lines to be actually coded (decoded).
Set the number of lines (number of relative lines) ranging from the processing start command
to be issued next to the temporary stop/termination end just after. This register must be set to
a specific value before the issuance of the process start command.
As far as the following conditions are satisfied, this register can be rewritten in the course of
processing.
• When the maximum value (65535) is set before issuance of the processing start command,
an arbitrary value can be set once in the course of processing.
• When a value except for the maximum value (65535) is set before issuance of the
processing start command, and the value requires to be respecified in the course, respecify
the maximum value (65535) once and then respecify a desired value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com