Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65762FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M65762FP
Description  QM-Coder
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65762FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M65762FP Datasheet HTML 1Page - Renesas Technology Corp M65762FP Datasheet HTML 2Page - Renesas Technology Corp M65762FP Datasheet HTML 3Page - Renesas Technology Corp M65762FP Datasheet HTML 4Page - Renesas Technology Corp M65762FP Datasheet HTML 5Page - Renesas Technology Corp M65762FP Datasheet HTML 6Page - Renesas Technology Corp M65762FP Datasheet HTML 7Page - Renesas Technology Corp M65762FP Datasheet HTML 8Page - Renesas Technology Corp M65762FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
M65762FP
REJ03F0235-0200 Rev.2.00 Sep 14, 2007
Page 2 of 34
Application
• OA equipment including facsimile, copier and printer
• Digital and amusement equipment for the purpose of reducing memory
Block Diagram
48
49
50
51
54
55
56
59
57
58
108
109
110
111
132
135
134
133
112
129
CD0 to 31
CDRQ
CDAK*
CDRD*
CDWR*
RESET*
HCS*
HA0 to 3
HWR*
HRD*
HD0 to 7
INTR
MCLK
(Asterisk "*" indicates negative logic.)
Pixel data
PD0 to 31
PDRQ
PDAK*
PDRD*
PDWR*
PRDY*
PTIM*
PXCK*
PXCKO*
SVID*
RVID*
Description on Block Functions
(1) Host bus I/F block
This bus is used to set command parameters and load the status between the MPU and this block. It is 8-bit bus.
This block is also available to load and store of context table RAM via the host bus.
(2) Code data I/F block
Bus for input/output of coding data. For the bus width, 32 bits, 16 bits or 8 bits can be selected.
Image data can also be transferred (in through mode) between the image data I/F and this block via built-in line
memory. FIFO buffer for 16 bytes are provided in the code data I/F block.
(3) Image data I/F block
The Image data I/F is used for input/output of binary image data. The 32-/16-bit parallel I/F or serial I/F can be
selected. Selection of the serial I/F transfers data in units of 1 pixel in synchronization with the line, using the
handshake signal (PRDY*, PTIM*).
Selection of parallel I/F uses an external DMA controller for DMA transfer (in units of stripe).
The image data I/F provides a function for scale-down of length and breadth by 1/2 in coding and a function for
scale-up of length and breadth by twice in decoding.
(4) Line memory block
4 K-byte memory. This block can be set to a maximum of 8192 pixels/line for 3-line template and can be set to a
maximum of 10240 pixels/line for 2-line template. A line is used for input/output processing of image data to/from
outside and the other lines (2 or 3 lines) are used for encoding/decoding processing. These two processes can be
independently carried out in synchronization with each line.
The contents of line memory can be loaded or stored via the image data I/F or coding data I/F.
(5) Typical prediction block
In the typical prediction mode, compares the encoding/decoding process line agree with the immediately preceding
line and generates pseudo-pixel (SLNTP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com