Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC643 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74HC643
Description  Octal Bus Transceivers (with 3-state outputs)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC643 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74HC643 Datasheet HTML 3Page - Renesas Technology Corp HD74HC643 Datasheet HTML 4Page - Renesas Technology Corp HD74HC643 Datasheet HTML 5Page - Renesas Technology Corp HD74HC643 Datasheet HTML 6Page - Renesas Technology Corp HD74HC643 Datasheet HTML 7Page - Renesas Technology Corp HD74HC643 Datasheet HTML 8Page - Renesas Technology Corp HD74HC643 Datasheet HTML 9Page - Renesas Technology Corp HD74HC643 Datasheet HTML 10Page - Renesas Technology Corp HD74HC643 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HD74HC640, HD74HC643
Rev.2.00 Mar 30, 2006 page 7 of 10
Waveforms
HD74HC640
tPHL
tPLH
VOH
VOH
VOL
VOL
0 V
VCC
10 %
90 %
50 %
50 %
50 %
50 %
50 %
50 %
10 %
90 %
• Waveform – 1
• Waveform – 2
Input A
Output B
tf
tr
tr
tf
tZL
0 V
VOL
VCC
VOH
tLZ
tZH
tHZ
10 %
10 %
90 %
90 %
50 %
50 %
Input
G
Waveform - A
Waveform - B
90 %
10 %
10 %
90 %
10 %
90 %
tTHL
tTLH
Notes : 1. Input waveform : PRR
≤ 1 MHz, duty cycle 50%, tr ≤ 6 ns, tf ≤ 6 ns
2. Waveform - A is for an output with internal conditions such that the
output is low except when disabled by the output control.
3. Waveform - B is for an output with internal conditions such that the
output is high except when disabled by the output control.
4. The output are measured one at a time with one transition per measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com