Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC643 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC643
Description  Octal Bus Transceivers (with 3-state outputs)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC643 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC643 Datasheet HTML 1Page - Renesas Technology Corp HD74HC643 Datasheet HTML 2Page - Renesas Technology Corp HD74HC643 Datasheet HTML 3Page - Renesas Technology Corp HD74HC643 Datasheet HTML 4Page - Renesas Technology Corp HD74HC643 Datasheet HTML 5Page - Renesas Technology Corp HD74HC643 Datasheet HTML 6Page - Renesas Technology Corp HD74HC643 Datasheet HTML 7Page - Renesas Technology Corp HD74HC643 Datasheet HTML 8Page - Renesas Technology Corp HD74HC643 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev.2.00 Mar 30, 2006 page 1 of 10
HD74HC640, HD74HC643
Octal Bus Transceivers (with 3-state outputs)
REJ03D0637-0200
(Previous ADE-205-517)
Rev.2.00
Mar 30, 2006
Description
Each device has an active enable
G and a direction control input, DIR. When DIR is high, data flows from the A inputs
to the B outputs. When DIR is low, data flows from the B inputs to the A outputs. The HD74HC640 transfers inverted
data from one bus to other and the HD74HC643 transfers inverted data from the A bus to the B bus and true data from
the B bus to the A bus.
Features
• High Speed Operation: t
pd = 12 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC640P
DILP-20 pin
PRDP0020AC-B
(DP-20NEV)
P
—
HD74HC640FPEL
SOP-20 pin (JEITA)
PRSP0020DD-B
(FP-20DAV)
FP
EL (2,000 pcs/reel)
HD74HC640RPEL
HD74HC643RPEL
SOP-20 pin (JEDEC)
PRSP0020DC-A
(FP-20DBV)
RP
EL (1,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Control Inputs
Operation
G
DIR
HD74HC640
HD74HC643
L
L
B data to A bus
B data to A bus
L
H
A data to B bus
A data to B bus
H
X
Isolation
Isolation
H :
high level
L
:
low level
X :
irrelevant


Similar Part No. - HD74HC643

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC643 HITACHI-HD74HC643 Datasheet
69Kb / 11P
Octal Bus Transceivers (with 3-state outputs)
More results

Similar Description - HD74HC643

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
Octal Bus Transceivers With 3 State Outputs
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54BCT25245 TI-SN54BCT25245_08 Datasheet
100Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HC245 RENESAS-HD74HC245_1 Datasheet
108Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54ABT620 TI-SN54ABT620_08 Datasheet
315Kb / 11P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74HC640 UTC-U74HC640 Datasheet
208Kb / 7P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com