Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5180 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV5180
Description  CONTROL I.C. FOR SWITCH MODE POWER SUPPLY AND FOR LINE DEFLECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5180 Datasheet(HTML) 2 Page - STMicroelectronics

  STV5180 Datasheet HTML 1Page - STMicroelectronics STV5180 Datasheet HTML 2Page - STMicroelectronics STV5180 Datasheet HTML 3Page - STMicroelectronics STV5180 Datasheet HTML 4Page - STMicroelectronics STV5180 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STV5180
2
3
4
5
6
7
8
9
10
16
11
12
13
14
15
SMPS
OSCILLATOR
DEFLECTION
OSCILLATOR
D/A
8-BIT
REGISTER
I BUS
INTERFACE
Internal
Supply
Trigger Slope Selection
Deflection ON/OFF
V Aux
REF
V
2
PWM
CC
V
1
PWM
STBY
SDA
SCL
H-DRIVE
CTd
RTd
Cfsd GND
Poutd
E-
Eout
Pouts
Csfs
RTs
CTs
Error Amp
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
6
V
Tj
Operating Junction Temperature
150
°C
Tstg
Storage Temperature Range
0, + 70
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-ambient Thermal Resistance
75
°C/W
RECOMMANDED OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Power Supply Voltage
4.5
5
V
RT
Timing Resistor
82
k
Ω
CT
Timing Capacitor
1
nF
Fosc
Oscillator Frequency
16
kHz
Tamb
Operating Ambient Temperature
0
70
°C
ISOURCE
Output Current (Pin 3 and Pin 5) VOUT = 2.5V
30
70
mA
STV5180
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com