Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5180 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV5180
Description  CONTROL I.C. FOR SWITCH MODE POWER SUPPLY AND FOR LINE DEFLECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5180 Datasheet(HTML) 1 Page - STMicroelectronics

  STV5180 Datasheet HTML 1Page - STMicroelectronics STV5180 Datasheet HTML 2Page - STMicroelectronics STV5180 Datasheet HTML 3Page - STMicroelectronics STV5180 Datasheet HTML 4Page - STMicroelectronics STV5180 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STV5180
CONTROL I.C. FOR SWITCH MODE POWER SUPPLY
AND FOR LINE DEFLECTION
August 1994
ADVANCE DATA
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Csfs
Pouts
GND
Poutd
Csfd
RTd
CTd
VCC
RTs
CTs
Eout
E-
SDA
SCL
STBY
HDR
SOFT START SMPS
VOLTAGE SUPPLY
PWM OUTPUT SMPS
GROUND
HORIZONTAL DRIVE PULSE
DEFLECTION SOFT START
DEFLECTION OSCILLATOR RESISTOR
DELECTION OSCILLATOR CAPACITANCE
SMPS OSCILLATOR RESISTOR
SMPS OSCILLATOR CAPACITANCE
OUTPUT ERROR AMPLIFIER
INPUT ERROE AMPLIFIER
I C BUS INPUT
2
I C BUS INPUT
2
TEST POINT
LINE SYNC PULSE FROM
SIGNAL /DEFLECTION PROCESSOR
PIN CONNECTIONS
SO16 WIDE
(Plastic Micropackage)
ORDER CODE : STV5180
SECONDARY SIDE SWITCH MODE POWER
SUPPLY
.
INTERNAL PWM SIGNAL GENERATOR
.
SYNCHRONIZATION OR FREE RUNNING
MODES
.
SOFT START
.
REFERENCE VOLTAGE ADJUSTABLE BY
I
2C BUS
.
WIDE FREQUENCY RANGE
.
MINIMUM OUTPUT PULSE WIDTH 2.4
µs
.
STAND-BY MODE, COMMANDED STBY IN-
PUT OR I
2C BUS
HORIZONTAL DEFLECTION CONTROLLER
.
INTERNAL PWM SIGNAL GENERATOR
.
SYNCHRONIZATION OR FREE RUNNING
MODES
.
SOFT START
.
PERMANENT CONTROL OF DUTY CYCLE
TO SAFE THE POWER STAGE
.
CHOICE (BY I
2C BUS) OF THE ACTIVE
EDGE OF THE INPUT SIGNAL
.
ON/OFF
FUNCTION
COMMANDED
BY
I
2C BUS
.
STAND-BY MODE COMMANDED BY STBY
INPUT AND BY I
2C BUS
DESCRIPTION
The STV5180 is designed to work in the secondary
part of an off-line SMPS, sending pulses to the
slaved TEA2260/61 which are located on the pri-
mary side of the main transformer. Dedicated for
TV set applications, it contains also a line deflection
control circuit to insure a high level of safety for the
power deflection stage. These two functions are
commanded by I
2C bus.
1/5


Similar Part No. - STV5180

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV5111 STMICROELECTRONICS-STV5111 Datasheet
95Kb / 7P
RGB HIGH VOLTAGE VIDEO AMPLIFIER
Sep-2003
STV5112 STMICROELECTRONICS-STV5112 Datasheet
93Kb / 5P
RGB HIGH VOLTAGE VIDEO AMPLIFIER
April 1998
More results

Similar Description - STV5180

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1039 PHILIPS-TEA1039 Datasheet
155Kb / 16P
Control circuit for switched-mode power supply
August 1982
logo
Fuji Electric
FA3621F FUJI-FA3621F Datasheet
67Kb / 8P
For Switching Power Supply Control
FA3629AV FUJI-FA3629AV Datasheet
50Kb / 7P
For Switching Power Supply Control
FA3630V FUJI-FA3630V Datasheet
47Kb / 6P
For Switching Power Supply Control
FA3635P FUJI-FA3635P Datasheet
37Kb / 5P
For Switching Power Supply Control
FA3675F FUJI-FA3675F Datasheet
108Kb / 8P
For Switching Power Supply Control
logo
List of Unclassifed Man...
FA7700V ETC-FA7700V Datasheet
182Kb / 13P
For Switching Power Supply Control
FA3686 ETC-FA3686 Datasheet
389Kb / 18P
For Switching Power Supply Control
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
logo
STMicroelectronics
AN4154 STMICROELECTRONICS-AN4154 Datasheet
1Mb / 21P
Power supply for energy meter and power line modem
05-Nov-2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com