Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC119 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HSC119
Description  Silicon Epitaxial Planar Diode for High Speed Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSC119 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HSC119 Datasheet HTML 1Page - Renesas Technology Corp HSC119 Datasheet HTML 2Page - Renesas Technology Corp HSC119 Datasheet HTML 3Page - Renesas Technology Corp HSC119 Datasheet HTML 4Page - Renesas Technology Corp HSC119 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.1.00, Mar.22.2004, page 1 of 4
HSC119
Silicon Epitaxial Planar Diode for High Speed Switching
REJ03G0188-0100Z
(Previous: ADE-208-615)
Rev.1.00
Mar.22.2004
Features
• Low capacitance. (C = 2.0 pF max)
• Short reverse recovery time. (t
rr = 3.0 ns max)
• Ultra small Flat Package (UFP) is suitable for surface mount design.
Ordering Information
Type No.
Laser Mark
Package Code
HSC119
H1
UFP
Pin Arrangement
12
H1
Cathode mark
Mark
1. Cathode
2. Anode


Similar Part No. - HSC119

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSC119 HITACHI-HSC119 Datasheet
26Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Guangdong Kexin Industr...
HSC119 KEXIN-HSC119 Datasheet
695Kb / 2P
High Speed Switching Diodes
logo
Renesas Technology Corp
HSC119TRF-E RENESAS-HSC119TRF-E Datasheet
167Kb / 7P
Silicon Epitaxial Planar Diode for High Speed Switching
More results

Similar Description - HSC119

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1SS118 HITACHI-1SS118 Datasheet
17Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
HSM2836C RENESAS-HSM2836C Datasheet
148Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
HSB123 RENESAS-HSB123 Datasheet
85Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
HSB2836 RENESAS-HSB2836 Datasheet
85Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
HSD119 RENESAS-HSD119 Datasheet
56Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Hitachi Semiconductor
1SS84 HITACHI-1SS84 Datasheet
21Kb / 3P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
1S2074 RENESAS-1S2074 Datasheet
238Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
1S2075 RENESAS-1S2075 Datasheet
144Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
RKS100KG RENESAS-RKS100KG Datasheet
85Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
HSB124S RENESAS-HSB124S Datasheet
85Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com