Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC119 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HSC119
Description  Silicon Epitaxial Planar Diode for High Speed Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSC119 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HSC119 Datasheet HTML 1Page - Renesas Technology Corp HSC119 Datasheet HTML 2Page - Renesas Technology Corp HSC119 Datasheet HTML 3Page - Renesas Technology Corp HSC119 Datasheet HTML 4Page - Renesas Technology Corp HSC119 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HSC119
Rev.1.00, Mar.22.2004, page 3 of 4
Main Characteristics
0
0.2
0.8
0.6
1.0
0.4
1.0
1.2
0
20406080
100
Ta=50
°C
Ta=75
°C
Ta=25
°C
10
–2
10
–1
10
–3
10
–4
10
–5
10
–6
10
–8
10
–7
10
–9
10
–10
10
–11
1.0
10
1.0
0.1
10
0.1
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
f = 1MHz
Forward voltage VF (V)
Fig.1 Forward current vs. Forward voltage
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com