Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5726A Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV5726A
Description  2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5726A Datasheet(HTML) 3 Page - STMicroelectronics

  STV5726A Datasheet HTML 1Page - STMicroelectronics STV5726A Datasheet HTML 2Page - STMicroelectronics STV5726A Datasheet HTML 3Page - STMicroelectronics STV5726A Datasheet HTML 4Page - STMicroelectronics STV5726A Datasheet HTML 5Page - STMicroelectronics STV5726A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
oC, unless otherwise specified)
Playback Mode (VCC = 5V, no load on Pin YCPB, Recadj = 12k
Ω)
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
PLAYBACK AMPLIFIER
ICC1
Supply Current
42
52
62
mA
GPB
Playback Gain
Sinewave 600kHz, 0.4mVPP on inputs
55
57
59
dB
EN
Equivalent Voltage Noise
Input grounded via IOUT Pin @ 600kHz,
BW = 10kHz
0.6
nV
√
Hz
IN
Equivalent Input Current
Input open @ 6MHz, BW = 10kHz
2
pA
√
Hz
CRT1
Crosstalk (LP
→ SP)
Sinewave @ 4MHz, 0.4mVPP
-45
-40
dB
CRT2
Crosstalk (SP
→ LP)
Sinewave @ 4MHz, 0.4mVPP
-41
-35
dB
RPBSW
Playback Switch on Resistor
@ 6MHz
5
10
15
Ω
BWLCF
Attenuation @ 100KHz
Reference level @ 600kHz
-3
-2
1
dB
BWHCF
Attenuation @ 8MHz
Reference level @ 4MHz
-3
-1
0
dB
CIN
Input Capacitance
@ 6MHz, 22nF between Vi/Hi
40
50
60
pF
ZIN
Input Impedance
@ 6MHz
300
450
600
Ω
ZCPB
Output Resistance
DC
5
24
50
Ω
VDCPB1
DC Level on Pin YCPB
1.6
2
2.4
V
DVDC
Head Switch Offset
-0.2
0
0.2
V
SHPB1
2nd Harmonic
Sinewave @ 4MHz, 0.4mVPP
-45
-40
dB
RCST
Off-resistance on unused channel SW-S high
10
15
20
Ω
TRIV FUNCTION
TRIV0
Output Level (1)
No input signal
0
0.1
1
V
TRIV1
Output Level (2)
Sinewave @ 4MHz, 100mVPP @ YCPB
1.3
V
TRIV4
Output Level (3)
Sinewave @ 4MHz, 400mVPP @ YCPB
2.5
3.1
3.5
V
TRIV6
Output Level (4)
Sinewave @ 4MHz, 600mVPP @ YCPB
3.15
3.65
4.15
V
SP/LP ENVELOPE DETECTOR
ROH
Output Resistance @ ENVC
Sinewave 600
µVPP @ 4MHz on H1LP
CSYN signal applied
22
k
Ω
ROL
Output Resistance @ ENVC
Sinewave 600
µVPP @ 4MHz on H2SP
CSYN signal applied
2k
Ω
VENVCH
Output Level
4
4.8
5
V
VENVCL
Output Level
0
0.1
1
V
SENS1
Sensitivity
100
µVPP to 600µVPP @ SP input pins
0.1
1
V
SENS2
Sensitivity
100
µVPP to 600µVPP @ LP input pins
4
4.8
V
STV5726A
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com