Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5726A Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV5726A
Description  2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5726A Datasheet(HTML) 5 Page - STMicroelectronics

  STV5726A Datasheet HTML 1Page - STMicroelectronics STV5726A Datasheet HTML 2Page - STMicroelectronics STV5726A Datasheet HTML 3Page - STMicroelectronics STV5726A Datasheet HTML 4Page - STMicroelectronics STV5726A Datasheet HTML 5Page - STMicroelectronics STV5726A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SWITCH TABLE
SW-R
SW-M
SW-S
SW-H
Channel
SW1-SP
SW2-SP
SW1-LP
SW2-LP
SW-SP
SW-LP SWREC-SP SWREC-LP
ENVC (SPLP)
L
L
L
L
2-SP
OFF
OFF
ON
ON
OFF
OFF
High IF LP > SP
Low IF LP < SP
H
1-SP
H
L
1-LP
H
2-LP
L
H
L
2-SP
OFF
ON
H
1-SP
H
L
1-LP
ON
OFF
H
2-LP
H
L
L
L
SP
OFF
ON
OFF
ON
ON
OFF
0V (1)
H
High Impedance (1)
H
L
LP
ON
OFF
ON
OFF
OFF
ON
High Impedance (1)
H
0V (1)
Note :
1. The recording current can be set different for each of the four heads. To perform it the ENVC output is either at low level or high
impedance according to the selected head or mode. Then two external resistors with adequate value have to be connected
respectively between the ENVC and TRIV and SWM and TRIV, playing so that on the equivalent value of the RADJ resistor.
SWREC-LP
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
SW-SP
ILP
OUT
SWREC-SP
VCC
I
LP
OUT
SW-LP
SW1-LP
SW2-LP
60dB
SW-M
CSYNC
VCC
CAGCREC
TRIV
CSYN
GND2
YCPB/SWR
SWIN
ENVC
I OUT LP
GND1
I OUT SP
V1 SP
V2 SP
H1 SP
H2 SP
H2 LP
H1 LP
V1 LP
V2 LP
60dB
60dB
60dB
CH1S
CH2S
22nF
CH2L
CH1L
RADJ
12k
Ω
RSWH
22k
Ω
RSWM
8.2k
Ω
1N4148
RRCY
2.2k
Ω
CRCY
1N4148
RRCC
8.2k
Ω
CRCC
SWS
CREC
YREC
TRIV
CSYN
SWR
YCPB
SWM
SWH
ENVC
VCC
CAGC
22nF
C1
22nF
C2
22
µF
L1 22
µH
C
IN
OUT
FF
22nF
22nF
22nF
C4
22nF
R2
1k
Ω
22nF
R1
C3
1k
Ω
22nF
22nF
RECIN/SWS
STV5726A
APPLICATION DIAGRAM
STV5726A
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com