Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5805 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV5805
Description  PHOTO DETECTOR FOR DIGITAL VIDEO DISK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5805 Datasheet(HTML) 1 Page - STMicroelectronics

  STV5805 Datasheet HTML 1Page - STMicroelectronics STV5805 Datasheet HTML 2Page - STMicroelectronics STV5805 Datasheet HTML 3Page - STMicroelectronics STV5805 Datasheet HTML 4Page - STMicroelectronics STV5805 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STV5805
PHOTO DETECTOR FOR DIGITAL VIDEO DISK
June 1998
PRELIMINARY DATA
V
D
V
CC
V
O
GND
V
C
1
2
3
4
5
10
9
8
7
6
V
F
V
A
GAIN
V
B
V
E
F
E
A
B
D
C
PIN CONNECTIONS
OPTOSO10L
(Plastic Transparent Package)
ORDER CODE : STV5805D
.
LARGE BANDWIDTH (30MHz) AND LOW
NOISE I/U AMPLIFIER
.
SENSITIVITY SWITCHING FOR OPTICAL
PICKUPS
.
DETECTOR PATTERN ADAPTED FOR EFM
SIGNAL DETECTION, FOCUS AND TRACK-
ING CONTROLS
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
DESCRIPTION
This six diodes photodetector includes six low
noise I/V amplifiers with a sensitivity switching for
adaptation to different optical pickups and disks.
The detector pattern is adaptable for astigmatism
focus method, 3 beams tracking and differential
phase detection methods.
The STV5805 is adapted for pick-up of DVD-ROM
and DVD players up to 3 x speed for both 1 layer
and 2 layer discs.
1/5


Similar Part No. - STV5805

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV5111 STMICROELECTRONICS-STV5111 Datasheet
95Kb / 7P
RGB HIGH VOLTAGE VIDEO AMPLIFIER
Sep-2003
STV5112 STMICROELECTRONICS-STV5112 Datasheet
93Kb / 5P
RGB HIGH VOLTAGE VIDEO AMPLIFIER
April 1998
STV5180 STMICROELECTRONICS-STV5180 Datasheet
40Kb / 5P
CONTROL I.C. FOR SWITCH MODE POWER SUPPLY AND FOR LINE DEFLECTION
August 1994
STV5248 STMICROELECTRONICS-STV5248 Datasheet
547Kb / 30P
MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
28-May-2004
STV5342 STMICROELECTRONICS-STV5342 Datasheet
448Kb / 20P
TELETEXT DECODER WITH 4 INTERGATED PAGES
Apr-1994
More results

Similar Description - STV5805

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2220 NJRC-NJM2220 Datasheet
250Kb / 7P
VIDEO SYNCHRONOUS DETECTOR
logo
National Semiconductor ...
DP8464B NSC-DP8464B Datasheet
383Kb / 26P
Disk Pulse Detector
logo
Advanced Semiconductor
2N5777 ASI-2N5777 Datasheet
64Kb / 1P
SILICON NPN PHOTO DETECTOR
logo
Motorola, Inc
MRD5009 MOTOROLA-MRD5009 Datasheet
170Kb / 4P
Photo Detector Logic Output
logo
Fairchild Semiconductor
KDT00030 FAIRCHILD-KDT00030 Datasheet
160Kb / 4P
Phototransistor Photo Detector
logo
Hamamatsu Corporation
R7110U-07 HAMAMATSU-R7110U-07 Datasheet
22Kb / 2P
COMPACT HYBRID PHOTO-DETECTOR
R7110U-40 HAMAMATSU-R7110U-40 Datasheet
23Kb / 2P
COMPACT HYBRID PHOTO-DETECTOR
logo
Fairchild Semiconductor
KDT00030TR FAIRCHILD-KDT00030TR Datasheet
151Kb / 6P
Phototransistor Photo Detector
logo
ON Semiconductor
KDT00030 ONSEMI-KDT00030 Datasheet
1Mb / 6P
Phototransistor Photo Detector
October-2017, Rev. 3
logo
OSRAM GmbH
BPX65 OSRAM-BPX65 Datasheet
291Kb / 8P
High speed photo detector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com