Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5805 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV5805
Description  PHOTO DETECTOR FOR DIGITAL VIDEO DISK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5805 Datasheet(HTML) 3 Page - STMicroelectronics

  STV5805 Datasheet HTML 1Page - STMicroelectronics STV5805 Datasheet HTML 2Page - STMicroelectronics STV5805 Datasheet HTML 3Page - STMicroelectronics STV5805 Datasheet HTML 4Page - STMicroelectronics STV5805 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS
(VCC = 5V, VO = 2.5V, Light wavelength = 635 to 680nm, Tamb = 25
oC, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICC
Supply Current
Gain = H or L
25
mA
SADH
SADL
Sensitivity A to D
Gain = H
Gain = L
27
9
36
12
45
15
mV/
µW
mV/
µW
SEFH
SEFL
Sensitivity E, F
Gain = H
Gain = L
45
15
60
20
75
35
mV/
µW
mV/
µW
BWAD
BWEF
Bandwidth at -3dB (A to D)
Bandwidth at -3dB (E, F)
Gain = H or L
Gain = H or L
25
2
30
5
MHz
MHz
DV0
Offset Voltage versus V0
Gain = H or L, in the dark
-15
0
15
mV
DVAB
Offset Voltage (VA - VB)
Gain = H or L, in the dark
-15
0
15
mV
DVCD
Offset Voltage (VC - VD)
Gain = H or L, in the dark
-15
0
15
mV
DVM
Offset Voltage [(VA + VC) - (VB + VD)]
Gain = H or L, in the dark
-15
0
15
mV
DVEF
Offset Voltage (VE - VF)
Gain = H or L, in the dark
-15
0
15
mV
ENADH
ENADL
Equivalent Noise Level (A to D)
10MHz, BW = 30kHz, in the dark
Gain = H
Gain = L
-74
-83
-66
-75
dBm
dBm
ENEFH
ENEFL
Equivalent Noise Level (E, F)
10MHz, BW = 30kHz, in the dark
Gain = H
Gain = L
-62
-71
dBm
dBm
IVO
Input Current on VO
VO = 2.5V
0.6
mA
IGAINH
IGAINL
Input Current on Gain
Gain = VCC
Gain = GND
-1
+1
µA
µA
1.0
0.8
0.6
0.4
0.2
0
500
900
600
700
800
WAVELENGTH (nm)
Figure 1 : Typical Spectral Sensitivity
STV5805
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com