Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC366 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC366
Description  Hex Bus Drivers (with 3-state outputs)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC366 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC366 Datasheet HTML 1Page - Renesas Technology Corp HD74HC366 Datasheet HTML 2Page - Renesas Technology Corp HD74HC366 Datasheet HTML 3Page - Renesas Technology Corp HD74HC366 Datasheet HTML 4Page - Renesas Technology Corp HD74HC366 Datasheet HTML 5Page - Renesas Technology Corp HD74HC366 Datasheet HTML 6Page - Renesas Technology Corp HD74HC366 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.2.00 Jan 31, 2006 page 1 of 6
HD74HC366
Hex Bus Drivers (with 3-state outputs)
REJ03D0616–0200
(Previous ADE-205-495)
Rev.2.00
Jan 31, 2006
Features
• High Speed Operation: t
pd (A to Y) = 9 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC366P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
—
HD74HC366FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
HD74HC366RPEL
SOP-16 pin (JEDEC)
PRSP0016DG-A
(FP-16DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
Output
G1
G2
A
Y
H
X
X
Z
X
H
X
Z
L
L
L
H
L
L
H
L
Notes: 1. H; High level, L; Low level, X; Irrelevant, Z; High impedance


Similar Part No. - HD74HC366

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC366 HITACHI-HD74HC366 Datasheet
45Kb / 8P
Hex Bus Drivers (with 3-state outputs)
More results

Similar Description - HD74HC366

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC365 HITACHI-HD74HC365 Datasheet
44Kb / 8P
Hex Bus Drivers (with 3-state outputs)
HD74HC366 HITACHI-HD74HC366 Datasheet
45Kb / 8P
Hex Bus Drivers (with 3-state outputs)
HD74HC367 HITACHI-HD74HC367 Datasheet
46Kb / 8P
Hex Bus Drivers (noninverted Data Outputs with 3-state outputs)
HD74HC368 HITACHI-HD74HC368 Datasheet
46Kb / 8P
Hex Bus Drivers (inverted Data Outputs with 3-state outputs)
logo
Texas Instruments
SN54HC366 TI-SN54HC366 Datasheet
696Kb / 21P
HEX BUS DRIVERS WITH 3-STATE OUTPUTS
SN54365A TI-SN54365A_08 Datasheet
835Kb / 24P
HEX BUS DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC365 RENESAS-HD74HC365 Datasheet
91Kb / 7P
Hex Bus Drivers (with 3-state outputs)
HD74HC367 RENESAS-HD74HC367 Datasheet
91Kb / 7P
Hex Bus Drivers (Noninverted Data Outputs with 3-state outputs)
HD74HC368 RENESAS-HD74HC368 Datasheet
91Kb / 7P
Hex Bus Drivers (Inverted Data Outputs with 3-state outputs)
logo
Texas Instruments
SN54365A TI1-SN54365A_15 Datasheet
1Mb / 27P
HEX BUS DRIVERS WITH 3 STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com