Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6400D Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV6400D
Description  DOUBLE SCART INTERFACE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6400D Datasheet(HTML) 1 Page - STMicroelectronics

  STV6400D Datasheet HTML 1Page - STMicroelectronics STV6400D Datasheet HTML 2Page - STMicroelectronics STV6400D Datasheet HTML 3Page - STMicroelectronics STV6400D Datasheet HTML 4Page - STMicroelectronics STV6400D Datasheet HTML 5Page - STMicroelectronics STV6400D Datasheet HTML 6Page - STMicroelectronics STV6400D Datasheet HTML 7Page - STMicroelectronics STV6400D Datasheet HTML 8Page - STMicroelectronics STV6400D Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STV6400
DOUBLE SCART INTERFACE
May 1996
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
OUT 1
VIDEO IN 1
DIG BUFFER 1
VIDEO IN 2
DIG BUFFER 2
VIDEO IN 3
SDA
VIDEO IN 4
VCC
NC
OUT 2
OUT 3
GND
DIG BUFFER 3
VIDEO IN 5
SCL
PV
PV
PV
CC1
CC2
CC3
PIN CONNECTIONS
DIP20 (0.25)
(Plastic Package)
ORDER CODE : STV6400
.
TWO PERIPLUGS I/O SOURCES MANAGE-
MENT
.
TWO 150
Ω INTEGRATED BUFFERS FOR
PLUG DRIVE
.
ONE OUTPUT WITH MUTING CAPABILITY
.
3 DIGITAL BUFFER OUTPUTS FOR EXTER-
NAL SWITCHES CONTROL
.
LARGE SUPPLY VOLTAGE RANGE
.
BANDWIDTH : 19MHz typ.
.
CROSSTALK : 50dB min.
.
I
2C BUS CONTROL
DESCRIPTION
The STV6400 is a bipolar circuit for TV and VCR
applications.
It is intended to process all switches relating to a 2
periplugs I/O application
SO20
(Plastic Package)
ORDER CODE : STV6400D
1/9


Similar Part No. - STV6400D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6404E-001 STMICROELECTRONICS-STV6404E-001 Datasheet
786Kb / 54P
Mono and Colour Digital Video CMOS Image Sensors
STV6408 STMICROELECTRONICS-STV6408 Datasheet
472Kb / 9P
VIDEO MATRIX
More results

Similar Description - STV6400D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
235Kb / 49P
Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
TDA8007B PHILIPS-TDA8007B Datasheet
159Kb / 36P
Double multiprotocol IC card interface
2000 Nov 09
logo
Asahi Kasei Microsystem...
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
AV SCART Switch
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
AV SCART switch
logo
Maxim Integrated Produc...
MAX9597 MAXIM-MAX9597 Datasheet
451Kb / 32P
Low-Power Audio/Video Interface for Single SCART Connectors
Rev 1; 10/08
logo
Sanyo Semicon Device
LA73024AV SANYO-LA73024AV Datasheet
629Kb / 12P
Double Scart Interface IC
LA73026AV SANYO-LA73026AV Datasheet
270Kb / 13P
Double Scart Interface IC
logo
Kycon, Inc.
K-SCARTX-028A KYCON-K-SCARTX-028A Datasheet
37Kb / 1P
SCart socket, Dual part
7/6/05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com