Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7699 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV7699
Description  PLASMA DISPLAY PANEL DATA DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7699 Datasheet(HTML) 1 Page - STMicroelectronics

  STV7699 Datasheet HTML 1Page - STMicroelectronics STV7699 Datasheet HTML 2Page - STMicroelectronics STV7699 Datasheet HTML 3Page - STMicroelectronics STV7699 Datasheet HTML 4Page - STMicroelectronics STV7699 Datasheet HTML 5Page - STMicroelectronics STV7699 Datasheet HTML 6Page - STMicroelectronics STV7699 Datasheet HTML 7Page - STMicroelectronics STV7699 Datasheet HTML 8Page - STMicroelectronics STV7699 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STV7699
PLASMA DISPLAY PANEL DATA DRIVER
January 1999
PRODUCT PREVIEW
PQFP100 (14 x 20 x 2.80mm)
(Full Plastic Quad Flat Pack)
ORDER CODE : STV7699
.
64 OUTPUTS PLASMA DISPLAY DRIVER
.
170V ABSOLUTE MAXIMUM SUPPLY
.
5V SUPPLY FOR LOGIC
.
50/40mA SOURCE / SINK OUTPUT
.
60/60mA SOURCE / SINK OUTPUT DIODE
.
64-BIT SHIFT REGISTER (20MHz)
.
BLK, POLARITY AND HIZ CONTROL
.
BCD TECHNOLOGY
.
DIE or 100-PIN PQFP PACKAGE
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
DESCRIPTION
The STV7699 is a Plasma Display Panel (PDP)
data driver implemented in ST’s proprietary BCD
technology. Using a 4-bit wide cascadable shift
register, it drives 64 high current & high voltage out-
puts. By serialy connecting several STV7699, any hori-
zontal pixel definition can be performed. The 20MHz
shift clock gives an equivalent 80MHz shift register.
The STV7699 is supplied with a separated 170V
power output supply and a 5V logic supply.
32
31
34
33
36
35
38
37
39
40
41
42
43
44
45
46
47
48
49
50
99
100
97
98
95
96
93
94
92
91
90
89
88
87
86
85
84
83
82
81
OUT31
OUT32
V
SSP
V
SSSUB
OUT33
OUT34
V
SSLOG
CLK
STB
V
CC
A4
HIZ
STV7699
PQFP100
(Top View)
OUT25
OUT26
OUT27
OUT28
OUT29
OUT30
V
SSP
OUT35
OUT36
V
SSP
OUT37
OUT38
OUT39
OUT40
V
SSSUB
B1
B2
B3
B4
POL
BLK
F/R
V
SSLOG
V
SSLOG
V
SSLOG
A3
A2
A1
PIN CONNECTIONS
All command inputs are CMOS compatible.
The STV7699 package is a 100-pin PQFP. It is also
available as die.
1/9


Similar Part No. - STV7699

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7699 STMICROELECTRONICS-STV7699 Datasheet
250Kb / 11P
COLOR PDP DRIVER MODULE
Jan-1999
More results

Similar Description - STV7699

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7610A STMICROELECTRONICS-STV7610A Datasheet
142Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
Jun-2000
STV7617 STMICROELECTRONICS-STV7617 Datasheet
124Kb / 17P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-2000
STV7697A STMICROELECTRONICS-STV7697A Datasheet
110Kb / 15P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-2000
STV7620M STMICROELECTRONICS-STV7620M Datasheet
317Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
26-Feb-2004
STV7620 STMICROELECTRONICS-STV7620 Datasheet
136Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
STV7612 STMICROELECTRONICS-STV7612 Datasheet
465Kb / 18P
PLASMA DISPLAY PANEL DATA DRIVER
Aug-2003
STV7618 STMICROELECTRONICS-STV7618 Datasheet
125Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
Apr-2002
logo
Toshiba Semiconductor
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
Plasma Display Panel
logo
STMicroelectronics
STV7622 STMICROELECTRONICS-STV7622 Datasheet
313Kb / 32P
192 output plasma display panel data driver
29-May-2007
STV7697 STMICROELECTRONICS-STV7697 Datasheet
164Kb / 8P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-1998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com