Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7699 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV7699
Description  PLASMA DISPLAY PANEL DATA DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7699 Datasheet(HTML) 2 Page - STMicroelectronics

  STV7699 Datasheet HTML 1Page - STMicroelectronics STV7699 Datasheet HTML 2Page - STMicroelectronics STV7699 Datasheet HTML 3Page - STMicroelectronics STV7699 Datasheet HTML 4Page - STMicroelectronics STV7699 Datasheet HTML 5Page - STMicroelectronics STV7699 Datasheet HTML 6Page - STMicroelectronics STV7699 Datasheet HTML 7Page - STMicroelectronics STV7699 Datasheet HTML 8Page - STMicroelectronics STV7699 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PIN ASSIGNMENT (PQFP100)
Pin Number
Symbol
Type
Function
100
VCC
Supply
5V Logic Supply
1 - 29 - 30 - 51 - 52 - 80
VPP
Supply
High Voltage Supply of power outputs
6 - 15 - 24 - 35 - 40
46 - 57 - 66 - 75
VSSP
Ground Ground of power outputs
90 to 93
VSSLOG
Ground Logic Ground
41 - 81
VSSSUB
Ground Substrate Ground
2 to 5 - 7 to 14 - 16 to 23
25 to 28 - 31 to 34 - 36 to 39
42 to 45 - 47 to 50 - 53 to 56
58 to 65 - 67 to 74 - 76 to 79
OUT1 to OUT 64
Output
Power Output
95
CLK
Input
Clock of data shift register
Low to High transition makes the data enter into the shift
register and available at the output stage and at the output
of the shift register.
94
STB
Input
Latch of data to outputs
When the STB signal is set to low level, data are transferred
into the latch stage. When STB is set at high level, data are
held in the latch stage.
88
BLK
Input
Power Output Blanking Control
87
POL
Input
Power Output Polarity Control
86
HIZ
Input
Power Output High Impedance Control
89
F/R
Input
Selection of shift direction
96 to 99
A4 to A1
Input
Shift register data input and output according to F/R value.
When set to low, Ai = input and Bi = output.
82 to 85
B1 to B4
Output
PIN ASSIGNMENT (Power Outputs)
Output N°
Pin N°
Output N°
Pin N°
Output N°
Pin N°
Output N°
Pin N°
1
2
17
20
33
42
49
62
2
3
18
21
34
43
50
63
3
4
19
22
35
44
51
64
4
5
20
23
36
45
52
65
5
7
21
25
37
47
53
67
6
8
22
26
38
48
54
68
7
9
23
27
39
48
55
69
8
102428
4050
5670
9
112531
4153
5771
10
12
26
32
42
54
58
72
11
13
27
33
43
55
59
73
12
14
28
34
44
56
60
74
13
16
29
36
45
58
61
76
14
17
30
37
46
59
62
77
15
18
31
38
47
60
63
78
16
19
32
39
48
61
64
79
STV7699
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com