Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7778 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV7778
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7778 Datasheet(HTML) 3 Page - STMicroelectronics

  STV7778 Datasheet HTML 1Page - STMicroelectronics STV7778 Datasheet HTML 2Page - STMicroelectronics STV7778 Datasheet HTML 3Page - STMicroelectronics STV7778 Datasheet HTML 4Page - STMicroelectronics STV7778 Datasheet HTML 5Page - STMicroelectronics STV7778 Datasheet HTML 6Page - STMicroelectronics STV7778 Datasheet HTML 7Page - STMicroelectronics STV7778 Datasheet HTML 8Page - STMicroelectronics STV7778 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PIN-OUT DESCRIPTION
Pin N°
Name
Function
1
PLL2C
Second PLL Loop Filter
2
H-DUTY
DC Control of Horizontal Drive Output Pulse Duty-cycle.
If this pin is grounded, the horizontal and vertical outputs are inhibited. By connecting a capacitor
on this pin a soft-start function may be realized on h-drive output.
3
H-FLY
Horizontal Flyback Input (Positive Polarity)
4
H-GND
Horizontal Section Ground. Must be connected only to components related to H blocks.
5
H-REF
Horizontal Section Reference Voltage. Must be filtered by capacitor to Pin 4
6NC
7NC
8NC
9NC
10
C0
Horizontal Oscillator Capacitor. To be connected to Pin 4.
11
R0
Horizontal Oscillator Resistor. To be connected to Pin 4.
12
PLL1F
First PLL Loop Filter. To be connected to Pin 4.
13
HLOCK-CAP
First PLL Lock/Unlock Time Constant Capacitor. Capacitor filtering the frequency change detected
on Pin13. When frequency is changing, a blanking pulse is generated on Pin 23, the duration of this
pulse is proportionnal to the capacitor on Pin 13. To be connected to Pin 4.
14
FH-MIN
DC Control for Free Running Frequency Setting. Comming from DAC output or DC voltage
generated by a resistor bridge connected between Pin 5 and 4.
15
H-POS
DC Control for Horizontal Centering
16
XRAY-IN
X-RAY Protection Input (with internal latch function)
17
H-SYNC
TTL Horizontal Sync Input
18
VCC
Supply Voltage (12V Typical)
19
GND
Ground
20
H-OUTEM
Horizontal Drive Output (emiter of internal transistor)
21
H-OUTCOL
Horizontal Drive Output (open collector of internal transistor)
22
B+ OUT
B+ PWM Regulator Output
23
SBLK OUT
Safety Blanking Output. Activated during frequency changes, when X-RAY input is triggered or
when VS is too low.
24
VGND
Vertical Section Signal Ground
25
VAGCCAP
Memory Capacitor for Automatic Gain Control Loop in Vertical Ramp Generator
26
VREF
Vertical Section Reference Voltage
27
VCAP
Vertical Sawtooth Generator Capacitor
28
VS-AMP
DC Control of Vertical S Shape Amplitude
29
VS-CENT
DC Control of Vertical S Centering
30
VOUT
Vertical Ramp Output (with frequency independant amplitude and S-correction)
31
V-AMP
DC Control of Vertical Amplitude Adjustment
32
VDCOUT
Vertical Position Reference Voltage Output Temperature Matched with V-AMP Output
33
V-POS
DC Control of Vertical Position Adjustment
34
VSYNC
Vertical TTL Sync Input
35
PLL1INHIB
TTL Input for PLL1 Output Current Inhibition (To be used in case of comp sync input signal)
36
E/WOUT
East/West Pincushion Correction Parabola Output
37
E/W-AMP
DC Control of East/West Pincushion Correction Amplitude
38
KEYST
DC Control of Keystone Correction
39
B+ ADJ
DC Control of B+ Adjustment
40
REGIN
Regulation Input of B+ Control Loop
41
COMP
B+ Error Amplifier Output for Frequency Compensation and Gain Setting
42
ISENSE
Sensing of External B+ Switching Transistor Emiter Current
STV7778S
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com