Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7778 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV7778
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7778 Datasheet(HTML) 5 Page - STMicroelectronics

  STV7778 Datasheet HTML 1Page - STMicroelectronics STV7778 Datasheet HTML 2Page - STMicroelectronics STV7778 Datasheet HTML 3Page - STMicroelectronics STV7778 Datasheet HTML 4Page - STMicroelectronics STV7778 Datasheet HTML 5Page - STMicroelectronics STV7778 Datasheet HTML 6Page - STMicroelectronics STV7778 Datasheet HTML 7Page - STMicroelectronics STV7778 Datasheet HTML 8Page - STMicroelectronics STV7778 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HORIZONTAL SECTION
Operating conditions
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCO
R0min
Oscillator Resistor Min Value
Pin 11
6
k
Ω
C0min
Oscillator Capacitor Min Value
Pin 10
390
pF
Fmax
Maximum Oscillator Frequency
70
kHz
HsVR
Horizontal Sync Input Voltage
Pin 17
0
5.5
V
INPUT SECTION
MinD
Minimum Input Pulses Duration
Pin 17
1
µS
Mduty
Maximum Input Signal Duty Cycle
Pin 17
25
%
OUTPUT SECTION
I3m
Maximum Input Peak Current on Pin 3
2
mA
HOI1
Horizontal Drive Output Max Current
Pin 20, sourced current
20
mA
HOI2
Horizontal Drive Output Max Current
Pin 21, sunk current
20
mA
DC CONTROL VOLTAGES
DCadj
DC Voltage Range on DC Controls
VREF-H = 8V, Pins 2-14-15
2
6
V
ABSOLUTE MAX RATING
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (Pin 18)
13.5
V
VIN
Max Voltage on
Pins 2, 14, 15, 28, 29, 31, 33, 37, 38, 39
Pin 3
Pins 17, 34
Pin 40
Pin 42
Pin 16
8
1.8
6
8
8
6
V
VESD
ESD Succeptibility
Human Body Model, 100pF Discharge through 1.5k
Ω
EIAJ Norm, 200pF Discharge through 0
Ω
2
300
kV
V
Tstg
Storage Temperature
-40, +150
°C
Tj
Max Operating Junction Temperature
150
°C
Toper
Operating Temperature
0, +70
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-Ambient Thermal Resistance
Max.
65
°C/W
STV7778S
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com