Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5N2001LM Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # H5N2001LM
Description  Silicon N Channel MOS FET High Speed Power Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N2001LM Datasheet(HTML) 5 Page - Renesas Technology Corp

  H5N2001LM Datasheet HTML 1Page - Renesas Technology Corp H5N2001LM Datasheet HTML 2Page - Renesas Technology Corp H5N2001LM Datasheet HTML 3Page - Renesas Technology Corp H5N2001LM Datasheet HTML 4Page - Renesas Technology Corp H5N2001LM Datasheet HTML 5Page - Renesas Technology Corp H5N2001LM Datasheet HTML 6Page - Renesas Technology Corp H5N2001LM Datasheet HTML 7Page - Renesas Technology Corp H5N2001LM Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
H5N2001LD, H5N2001LS, H5N2001LM
Rev.6.00 Jul 14, 2006 page 5 of 7
Source to Drain Voltage
VSD (V)
50
0
0
10
20
30
40
0.4
0.8
1.2
1.6
2.0
Reverse Drain Current vs.
Souece to Drain Voltage
Pulse Test
VGS = 0, –5 V
5 V
10 V
Case Temperature
Tc (°C)
5
–25
0
1
2
3
4
025
75
50
125
100
150
Gate to Source Cutoff Voltage vs.
Case Temperature
0.1 mA
VDS = 10 V
ID = 10 mA
1 mA
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
90%
10%
tf
Switching Time Test Circuit
Switching Time Waveform
Vin Monitor
D.U.T.
Vin
10 V
RL
Vout
Monitor
10
Ω
VDD
= 100 V
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
3
1
0.3
0.1
0.03
0.01
10
µ
100
µ
1 m
10 m
100 m
1
10
Tc = 25°C
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
PDM
PW
T
D =
PW
T
θch – c (t) = γ s (t) • θch – c
θch – c = 1.67°C/W, Tc = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com